Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C862M-R3 Datasheet(PDF) 68 Page - ATMEL Corporation

Part # T48C862M-R3
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C862M-R3 Datasheet(HTML) 68 Page - ATMEL Corporation

Back Button T48C862M-R3 Datasheet HTML 64Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 65Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 66Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 67Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 68Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 69Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 70Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 71Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 72Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 107 page
background image
68
T48C862-R3
4554A–4BMCU–02/03
General SSI Operation
The SSI is comprised essentially of an 8-bit shift register with two associated 8-bit buff-
ers – the receive buffer (SRB) for capturing the incoming serial data and a transmit
buffer (STB) for intermediate storage of data to be serially output. Both buffers are
directly accessable by software. Transferring the parallel buffer data into and out of the
shift register is controlled automatically by the SSI control, so that both single byte trans-
fers or continuous bit streams can be supported.
The SSI can generate the shift clock (SC) either from one of several on-chip clock
sources or accept an external clock. The external shift clock is output on, or applied to
the Port BP40. Selection of an external clock source is performed by the Serial Clock
Direction control bit (SCD). In the combinational modes, the required clock is selected
by the corresponding timer mode.
The SSI can operate in three data transfer modes – synchronous 8-bit shift mode, a
9-bit Multi-Chip Link Mode (MCL), or 8-bit pseudo MCL protocol (without acknowledge-
bit).
External SSI clocking is not supported in these modes. The SSI should thus generate
and has full control over the shift clock so that it can always be regarded as an MCL bus
master device.
All directional control of the external data port used by the SSI is handled automatically
and is dependent on the transmission direction set by the Serial Data Direction (SDD)
control bit. This control bit defines whether the SSI is currently operating in Transmit
(TX) mode or Receive (RX) mode.
Serial data is organized in 8-bit telegrams which are shifted with the most significant bit
first. In the 9-bit MCL mode, an additional acknowledge bit is appended to the end of the
telegram for handshaking purposes (see MCL protocol).
At the beginning of every telegram, the SSI control loads the transmit buffer into the shift
register and proceeds immediately to shift data serially out. At the same time, incoming
data is shifted into the shift register input. This incoming data is automatically loaded
into the receive buffer when the complete telegram has been received. Thus, data can
be simultaneously received and transmitted if required.
Before data can be transferred, the SSI must first be activated. This is performed by
means of the SSI reset control (SIR) bit. All further operation then depends on the data
directional mode (TX/RX) and the present status of the SSI buffer registers shown by
the Serial Interface Ready Status Flag (SRDY). This SRDY flag indicates the
(empty/full) status of either the transmit buffer (in TX mode), or the receive buffer (in RX
mode). The control logic ensures that data shifting is temporarily halted at any time, if
the appropriate receive/transmit buffer is not ready (SRDY = 0). The SRDY status will
then automatically be set back to ‘1’ and data shifting resumed as soon as the applica-
tion software loads the new data into the transmit register (in TX mode) or frees the shift
register by reading it into the receive buffer (in RX mode).
A further activity status (ACT) bit indicates the present status of the serial communica-
tion. The ACT bit remains high for the duration of the serial telegram or if MCL stop or
start conditions are currently being generated. Both the current SRDY and ACT status
can be read in the SSI status register. To deactivate the SSI, the SIR bit must be set
high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com