Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C862M-R3 Datasheet(PDF) 56 Page - ATMEL Corporation

Part # T48C862M-R3
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C862M-R3 Datasheet(HTML) 56 Page - ATMEL Corporation

Back Button T48C862M-R3 Datasheet HTML 52Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 53Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 54Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 55Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 56Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 57Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 58Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 59Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 60Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 107 page
background image
56
T48C862-R3
4554A–4BMCU–02/03
Figure 51. Counter 3 Stage
The status of the timer as well as the occurrence of a compare match or an edge detect
of the input signal is indicated by the status register T2ST. This allows identification of
the interrupt source because all these events share only one timer interrupt.
Timer 3 compares data values
The Timer 3 has two 8-bit compare registers (T3CO1, T3CO2). The compare data value
can be ‘m’ for each of the Timer 3 compare registers.
The compare data value for the compare registers is: m = x +1
0
£ x £ 255
Timer 3 – Mode 1:
Timer/Counter
The selected clock from an internal or external source increments the 8-bit counter. In
this mode, the timer can be used as event counter for external clocks at T3I or as timer
for generating interrupts and pulses at T3O. The counter value can be read by the soft-
ware via the capture register.
8-bit comparator
Compare register 1
RES
Capture register
8-bit counter
Compare register 2
Control
C31
C32
Control
T3SM1
NQ
D
T3RM1
T3IM1
T3TM1
TOG2
T3I
T3TM2
T3IM2
T3RM2
T3SM2
NQ
D
CL3
T3EIM
TOG3
INT5
CM31
CM32
: T3M1
: T3M2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com