Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C862M-R3 Datasheet(PDF) 31 Page - ATMEL Corporation

Part # T48C862M-R3
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C862M-R3 Datasheet(HTML) 31 Page - ATMEL Corporation

Back Button T48C862M-R3 Datasheet HTML 27Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 28Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 29Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 30Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 31Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 32Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 33Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 34Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 35Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 107 page
background image
31
T48C862-R3
4554A–4BMCU–02/03
Figure 27. Example of I/O Addressing
1
2
3
4
5
Module ASW
Module M1
Module M2
Module M3
Auxiliary Switch
Module
Primary Reg.
(Address Pointer)
Subaddress Reg.
Bank of
Primary Reg.
to other modules
Subport Fh
Subport Eh
Subport 1
Subport 0
Primary Reg.
Aux. Reg.
Primary Reg.
I/O bus
Example of
qFORTH
program code
Indirect Subport Access
(Subport Register Write)
1 Addr. (SPort) Addr. (M1) OUT
2 SPort _Data
Addr. (M1) OUT
(Subport Register Read)
1 Addr. (SPort) Addr. (M1) OUT
2
Addr. (M1)
IN
(Subport Register Write Byte)
1 Addr. (SPort) Addr. (M1)
OUT
(Subport Register Read Byte)
1 Addr. (SPort) Addr. (M1) OUT
2
Addr. (M1) IN (hi)
2
Addr. (M1) IN (lo)
3
Prim._Data Addr. (M2)
OUT
4 Addr. (M2) Addr. (ASW) OUT
4 Addr. (M2) Addr. (ASW) OUT
Dual Register Access
(Primary Register Write)
(Auxiliary Register Write)
5
Aux._Data
Addr. (M2)
OUT
(Primary Register Read)
5
Addr. (M2)
IN
(Auxiliary Register Read)
3
Addr. (M2)
IN
(Auxiliary Register Write Byte)
4
Addr. (M2)
Addr. (ASW)
OUT
5
Aux._Data (lo) Addr. (M2)
OUT
5
Aux._Data (hi) Addr. (M2)
OUT
6 Prim._Data Addr.(M3) OUT
Single Register Access
(Primary Register Write)
6
Addr. (M3)
IN
(Primary Register Read)
2 SPort _Data(lo) Addr. (M1) OUT
2 SPort _Data(hi) Addr. (M1) OUT
6
Addr.(ASW)
= Auxiliary Switch Module address
Addr.(Mx)
= Module Mx address
Addr.(SPort)
= Subport address
Prim._Data
= Data to be written into Primary Register
Aux._Data
= Data to be written into Auxiliary Register
Prim._Data(lo) = Data to be written into Auxiliary Register (low nibble)
Prim._Data(hi)
= Data to be written into Auxiliary Register (high nibble)
SPort_Data(lo) = Data to be written into SubPort (low nibble)
SPort_Data(hi) = Data to be written into SubPort (high nibble)
(lo) = SPort_Data (low nibble)
(hi) = SPort_Data (high nibble)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com