Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C862M-R3 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # T48C862M-R3
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C862M-R3 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button T48C862M-R3 Datasheet HTML 17Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 18Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 19Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 20Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 21Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 22Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 23Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 24Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 107 page
background image
21
T48C862-R3
4554A–4BMCU–02/03
Master Reset
The master reset forces the CPU into a well-defined condition. It is unmaskable and is
activated independent of the current program state. It can be triggered by either initial
supply power-up, a short collapse of the power supply, brown-out detection circuitry,
watchdog time-out, or an external input clock supervisor stage (see Figure 15). A master
reset activation will reset the interrupt enable flag, the interrupt pending register and the
interrupt active register. During the power-on reset phase, the I/O bus control signals
are set to reset mode, thereby, initializing all on-chip peripherals. All bi-directional ports
are set to input mode
Attention: During any reset phase, the BP20/NTE input is driven towards V
DD by an
additional internal strong pull-up transistor. This pin must not be pulled down to V
SS dur-
ing reset by any external circuitry representing a resistor of less than 150 k
W.
Releasing the reset results in a short call instruction (opcode C1h) to the ROM address
008h. This activates the initialization routine $RESET which in turn has to initialize all
necessary RAM variables, stack pointers and peripheral configuration registers (see
Table 6).
Figure 15. Reset Configuration
Power-on Reset and
Brown-out Detection
The microcontroller block has a fully integrated power-on reset and brown-out detection
circuitry. For reset generation no external components are needed.
These circuits ensure that the core is held in the reset state until the minimum operating
supply voltage has been reached. A reset condition will also be generated should the
supply voltage drop momentarily below the minimum operating level except when a
power-down mode is activated (the core is in SLEEP mode and the peripheral clock is
stopped). In this power-down mode the brown-out detection is disabled.
Two values for the brown-out voltage threshold are programmable via the BOT-bit in the
SC-register.
Reset
timer
V
DD
CL
Power-on
reset
Internal
reset
res
CL=SYSCL/4
V
DD
V
SS
Brown-out
detection
V
DD
V
SS
Watch-
dog
CWD
res
Ext. clock
supervisor
ExIn
Pull-up
NRST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com