Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C862M-R3 Datasheet(PDF) 29 Page - ATMEL Corporation

Part # T48C862M-R3
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C862M-R3 Datasheet(HTML) 29 Page - ATMEL Corporation

Back Button T48C862M-R3 Datasheet HTML 25Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 26Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 27Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 28Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 29Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 30Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 31Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 32Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 33Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 107 page
background image
29
T48C862-R3
4554A–4BMCU–02/03
System Configuration
Register (SC)
Primary register address: "3"hex
Power-down Modes
The sleep mode is a shut-down condition which is used to reduce the average system
power consumption in applications where the microcontroller is not fully utilized. In this
mode, the system clock is stopped. The sleep mode is entered via the SLEEP instruc-
tion. This instruction sets the interrupt enable bit (I) in the condition code register to
enable all interrupts and stops the core. During the sleep mode the peripheral modules
remain active and are able to generate interrupts. The microcontroller exits the sleep
mode by carrying out any interrupt or a reset.
The sleep mode can only be kept when none of the interrupt pending or active register
bits are set. The application of the $AUTOSLEEP routine ensures the correct function of
the sleep mode. For standard applications use the $AUTOSLEEP routine to enter the
power-down mode. Using the SLEEP instruction instead of the $AUTOSLEEP following
an I/O instruction requires to insert 3 non-I/O instruction cycles (for example NOP NOP
NOP) between the IN or OUT command and the SLEEP command.
The total power consumption is directly proportional to the active time of the microcon-
troller. For a rough estimation of the expected average system current consumption, the
following formula should be used:
I
total (VDD,fsyscl) = ISleep + (IDD ´ tactive/ttotal)
I
DD depends on VDD and fsyscl
Bit 3Bit 2Bit 1Bit 0
SC: write
BOT
---
OS1
OS0
Reset value: 1x11b
BOT
Brown-Out Threshold
BOT = 1, low brown-out voltage threshold (1.7 V)
BOT = 0, high brown-out voltage threshold (2.0 V)
OS1
Oscillator Select 1
OS0
Oscillator Select 0
Mode
OS1
OS0
Input for SUBCL
Selected Oscillators
111
Cin/16
RC-oscillator 1 and external input clock
201
C
in/16
RC-oscillator 1 and RC-oscillator 2
310
C
in/16
RC-oscillator 1 and 4-MHz crystal oscillator
400
32 kHz
RC-oscillator 1 and 32-kHz crystal
oscillator
Note:
If the bit CCS = 0 in the CM-register the RC-oscillator 1 always stops.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com