Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C862M-R3 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # T48C862M-R3
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C862M-R3 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button T48C862M-R3 Datasheet HTML 3Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 4Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 5Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 6Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 7Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 8Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 9Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 10Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 107 page
background image
7
T48C862-R3
4554A–4BMCU–02/03
Figure 4. Tolerances of Frequency Modulation
Using C
4 =8.2 pF ±5%, C5 = 10 pF ±5%, a switch port with CSwitch =3 pF ±10%, stray
capacitances on each side of the crystal of C
Stray1 =CStray2 = 1 pF ±10%, a parallel
capacitance of the crystal of C
0 = 3.2 pF ±10% and a crystal with CM = 13 fF ±10%, an
FSK deviation of ±21.5 kHz typical with worst case tolerances of ±16.25 kHz to
±28.01 kHz results.
CLK Output
An output CLK signal is provided for a connected microcontroller, the delivered signal is
CMOS compatible if the load capacitance is lower than 10 pF.
Clock Pulse Take Over
The clock of the crystal oscillator can be used for clocking the microcontroller. Atmel’s
M4xCx9x has the special feature of starting with an integrated RC-oscillator to switch on
the PLL transmitter block with ENABLE = H, and after 1 ms to assume the clock signal
of the transmission IC, so the message can be sent with crystal accuracy.
Output Matching and Power
Setting
The output power is set by the load impedance of the antenna. The maximum output
power is achieved with a load impedance of Z
Load,opt = (255 + j192) W. There must be a
low resistive path to V
S to deliver the DC current.
The delivered current pulse of the power amplifier is 9 mA and the maximum output
power is delivered to a resistive load of 400
W if the 1.0 pF output capacitance of the
power amplifier is compensated by the load impedance.
An optimum load impedance of:
Z
Load =400 W || j/(2 ´p 1.0 pF) = (255 + j192) W thus results for the maximum output
power of 8 dBm.
The load impedance is defined as the impedance seen from the PLL transmitter block’s
ANT1, ANT2 into the matching network. Do not confuse this large signal load imped-
ance with a small signal input impedance delivered as input characteristic of RF
amplifiers and measured from the application into the IC instead of from the IC into the
application for a power amplifier.
Less output power is achieved by lowering the real parallel part of 400
W where the
parallel imaginary part should be kept constant.
Output power measurement can be done with the circuit shown in Figure 5. Note that
the component values must be changed to compensate the individual board parasitics
until the PLL transmitter block has the right load impedance Z
Load,opt = (255 + j192) W.
Also the damping of the cable used to measure the output power must be calibrated.
~
V
S
XTAL
C
Stray1
C
M
L
M
R
S
C
0
C
Stray2
C
4
C
5
Crystal equivalent circuit
C
Switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com