Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C862M-R3 Datasheet(PDF) 74 Page - ATMEL Corporation

Part # T48C862M-R3
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C862M-R3 Datasheet(HTML) 74 Page - ATMEL Corporation

Back Button T48C862M-R3 Datasheet HTML 70Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 71Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 72Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 73Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 74Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 75Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 76Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 77Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 78Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 107 page
background image
74
T48C862-R3
4554A–4BMCU–02/03
Figure 71. MCL Bus Protocol 2
SSI Interrupt
The SSI interrupt INT3 can be generated either by an SSI buffer register status (i.e.,
transmit buffer empty or receive buffer full), the end of SSI data telegram or on the fall-
ing edge of the SC/SD pins on Port 4 (see P4CR). SSI interrupt selection is performed
by the Interrupt FunctioN control bit (IFN). The SSI interrupt is usually used to synchro-
nize the software control of the SSI and inform the controller of the present SSI status.
The Port 4 interrupts can be used together with the SSI or, if the SSI itself is not
required, as additional external interrupt sources. In either case this interrupt is capable
of waking the controller out of sleep mode.
To enable and select the SSI relevant interrupts use the SSI interrupt mask (SIM) and
the Interrupt Function (IFN) while the Port 4 interrupts are enabled by setting appropri-
ate control bits in P4CR register.
Modulation and Demodulation
If the shift register is used together with Timer 2 or Timer 3 for modulation or demodula-
tion purposes, the 8-bit synchronous mode must be used. In this case, the unused Port
4 pins can be used as conventional bi-directional ports.
The modulation and demodulation stages, if enabled, operate as soon as the SSI is acti-
vated (SIR = 0) and cease when deactivated (SIR = 1).
Due to the byte-orientated data control, the SSI (when running normally) generates
serial bit streams which are submultiples of 8 bits. An SSI output masking (OMSK) func-
tion permits; however, the generation of bit streams of any length. The OMSK signal is
derived indirectly from the 4-bit prescaler of the Timer 2 and masks out a programmable
number of unrequired trailing data bits during the shifting out of the final data word in the
bit stream. The number of non-masked data bits is defined by the value pre-pro-
grammed in the prescaler compare register. To use output masking, the modulator stop
mode bit (MSM) must be set to "0" before programming the final data word into the SSI
transmit buffer. This in turn, enables shift clocks to the prescaler when this final word is
shifted out. On reaching the compare value, the prescaler triggers the OMSK signal and
all following data bits are blanked.
SC
SD
Start
1n
89
1st Bit
8th Bit
ACK
Stop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com