Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C862M-R3 Datasheet(PDF) 20 Page - ATMEL Corporation

Part # T48C862M-R3
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C862M-R3 Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button T48C862M-R3 Datasheet HTML 16Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 17Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 18Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 19Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 20Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 21Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 22Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 23Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 24Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 107 page
background image
20
T48C862-R3
4554A–4BMCU–02/03
Table 1. Interrupt Priority
Table 2. Hardware Interrupts
Software Interrupts
The programmer can generate interrupts by using the software interrupt instruction
(SWI), which is supported in qFORTH by predefined macros named SWI0...SWI7. The
software triggered interrupt operates exactly like any hardware triggered interrupt. The
SWI instruction takes the top two elements from the expression stack and writes the cor-
responding bits via the I/O bus to the interrupt pending register. Therefore, by using the
SWI instruction, interrupts can be re-prioritized or lower priority processes scheduled for
later execution.
Hardware Interrupts
In the microcontroller block, there are eleven hardware interrupt sources with seven
different levels. Each source can be masked individually by mask bits in the correspond-
ing control registers. An overview of the possible hardware configurations is shown in
Table 3.
Interrupt
Priority
ROM Address
Interrupt Opcode
Function
INT0
Lowest
040h
C8h (SCALL 040h)
Software interrupt (SWI0)
INT1
|
080h
D0h (SCALL 080h)
External hardware interrupt, any edge at BP52 or
BP53
INT2
|
0C0h
D8h (SCALL 0C0h)
Timer 1 interrupt
INT3
|
100h
E8h (SCALL 100h)
SSI interrupt or external hardware interrupt at BP40
or BP43
INT4
|
140h
E8h (SCALL 140h)
Timer 2 interrupt
INT5
|
180h
F0h (SCALL 180h)
Timer 3 interrupt
INT6
|
1C0h
F8h (SCALL 1C0h)
External hardware interrupt, at any edge at BP50 or
BP51
INT7
Highest
1E0h
FCh (SCALL 1E0h)
Voltage monitor (VM) interrupt
Interrupt
Interrupt Mask
Interrupt Source
Register
Bit
INT1
P5CR
P52M1, P52M2
P53M1, P53M2
Any edge at BP52
any edge at BP53
INT2
T1M
T1IM
Timer 1
INT3
SISC
SIM
SSI buffer full/empty or BP40/BP43 interrupt
INT4
T2CM
T2IM
Timer 2 compare match/overflow
INT5
T3CM1
T3CM2
T3C
T3IM1
T3IM2
T3EIM
Timer 3 compare register 1 match
Timer 3 compare register 2 match
Timer 3 edge event occurs (T3I)
INT6
P5CR
P50M1, P50M2
P51M1, P51M2
Any edge at BP50,
any edge at BP51
INT7
VCM
VIM
External/internal voltage monitoring



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com