Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C862M-R3 Datasheet(PDF) 28 Page - ATMEL Corporation

Part # T48C862M-R3
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C862M-R3 Datasheet(HTML) 28 Page - ATMEL Corporation

Back Button T48C862M-R3 Datasheet HTML 24Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 25Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 26Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 27Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 28Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 29Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 30Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 31Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 32Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 107 page
background image
28
T48C862-R3
4554A–4BMCU–02/03
Figure 26. 32-kHz Crystal Oscillator
Clock Management
The clock management register controls the system clock divider and synchronization
stage. Writing to this register triggers the synchronization cycle.
Clock Management Register
(CM)
Auxiliary register address: "3"hex
32-kHz
oscillator
32Out
32Out
OSC1
OSC2
*
Oscin
C1
*
C2
Oscout
XTAL
32 kHz
*
Configurable
Bit 3Bit 2Bit 1Bit 0
CM:
NSTOP
CCS
CSS1
CSS0
Reset value: 1111b
NSTOP
Not STOP peripheral clock
NSTOP = 0, stops the peripheral clock while the core is in SLEEP mode
NSTOP = 1, enables the peripheral clock while the core is in SLEEP mode
CCS
Core Clock Select
CCS = 1, the internal RC-oscillator 1 generates SYSCL
CCS = 0, the 4-MHz crystal oscillator, the 32-kHz crystal oscillator, an external
clock source or the internal RC-oscillator 2 with the external resistor at OSC1
generates SYSCL dependent on the setting of OS0 and OS1 in the system
configuration register
CSS1
Core Speed Select 1
CSS0
Core Speed Select 0
CSS1
CSS0
Divider
Note
00
16
118
Reset value
104
012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com