Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C862M-R3 Datasheet(PDF) 52 Page - ATMEL Corporation

Part # T48C862M-R3
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C862M-R3 Datasheet(HTML) 52 Page - ATMEL Corporation

Back Button T48C862M-R3 Datasheet HTML 48Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 49Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 50Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 51Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 52Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 53Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 54Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 55Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 56Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 107 page
background image
52
T48C862-R3
4554A–4BMCU–02/03
Figure 49. DCG Output Signals
Timer 2 Mode Register 2
(T2M2)
Address: "7"hex - Subaddress: "2"hex
If one of these output modes is used the T2O alternate function of Port 4 must also be
activated.
DCGIN
DCGO0
DCGO1
DCGO2
DCGO3
Bit 3Bit 2Bit 1Bit 0
T2TOP
T2OS2
T2OS1
T2OS0
Reset value: 1111b
T2TOP
Timer 2 Toggle Output Preset
This bit allows the programmer to preset the Timer 2 output T2O.
T2TOP = 0, resets the toggle outputs with the write cycle (M2 = 0)
T2TOP = 1, sets toggle outputs with the write cycle (M2 = 1)
Note: If T2R = 1, no output preset is possible
T2OS2
Timer 2 Output Select bit 2
T2OS1
Timer 2 Output Select bit 1
T2OS0
Timer 2 Output Select bit 0
Output Mode
T2OS2
T2OS1
T2OS0
Clock Output (POUT)
1
1
1
1
Toggle mode: a Timer 2 compare match
toggles the output flip-flop (M2) -> T2O
2
1
1
0
Duty cycle burst generator 1: the DCG output
signal (DCG0) is given to the output and
gated by the output flip-flop (M2)
3
1
0
1
Duty cycle burst generator 2: the DCG output
signal (DCGO) is given to the output and
gated by the SSI internal data output (SO)
4
1
0
0
Biphase modulator: Timer 2 modulates the
SSI internal data output (SO) to Biphase
code
5
0
1
1
Manchester modulator: Timer 2 modulates
the SSI internal data output (SO) to
Manchester code
6
0
1
0
SSI output: T2O is used directly as SSI
internal data output (SO)
7
0
0
1
PWM mode: an 8/12-bit PWM mode
8
0
0
0
Not allowed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com