Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C862M-R3 Datasheet(PDF) 51 Page - ATMEL Corporation

Part # T48C862M-R3
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C862M-R3 Datasheet(HTML) 51 Page - ATMEL Corporation

Back Button T48C862M-R3 Datasheet HTML 47Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 48Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 49Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 50Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 51Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 52Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 53Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 54Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 55Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 107 page
background image
51
T48C862-R3
4554A–4BMCU–02/03
Timer 2 Mode Register 1
(T2M1)
Address: "7"hex - Subaddress: "1"hex
Duty Cycle Generator
The duty cycle generator generates duty cycles of 25%, 33% or 50%. The frequency at
the duty cycle generator output depends on the duty cycle and the Timer 2 prescaler
setting. The DCG-stage can also be used as additional programmable prescaler for
Timer 2.
Bit 3Bit 2Bit 1Bit 0
T2D1
T2D0
T2MS1
T2MS0
Reset value: 1111b
T2D1
Timer 2 Duty cycle bit 1
T2D0
Timer 2 Duty cycle bit 0
T2D1
T2D0
Function of Duty Cycle Generator (DCG)
Additional Divider Effect
1
1
Bypassed (DCGO0)
/1
1
0
Duty cycle 1/1 (DCGO1)
/2
0
1
Duty cycle 1/2 (DCGO2)
/3
0
0
Duty cycle 1/3 (DCGO3)
/4
T2MS1
Timer 2 Mode Select bit 1
T2MS0
Timer 2 Mode Select bit 0
Mode
T2MS1
T2MS0
Clock Output (POUT)
Timer 2 Modes
1
1
1
4-bit counter overflow (OVF1)
12-bit compare counter; the
DCG has to be bypassed in
this mode
2
1
0
4-bit compare output (CM1)
8-bit compare counter with
4-bit programmable prescaler
and duty cycle generator
3
0
1
4-bit compare output (CM1)
8-bit compare counter clocked
by SYSCL or the external clock
input T2I, 4-bit prescaler run,
the counter 2/1 starts after
writing mode 3
4
0
0
4-bit compare output (CM1)
8-bit compare counter clocked
by SYSCL or the external clock
input T2I, 4-bit prescaler stop
and resets



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com