Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C862M-R3 Datasheet(PDF) 54 Page - ATMEL Corporation

Part # T48C862M-R3
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C862M-R3 Datasheet(HTML) 54 Page - ATMEL Corporation

Back Button T48C862M-R3 Datasheet HTML 50Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 51Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 52Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 53Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 54Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 55Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 56Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 57Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 58Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 107 page
background image
54
T48C862-R3
4554A–4BMCU–02/03
Timer 2 COmpare Register 2
(T2CO2) Byte Write
Address: "7"hex - Subaddress: "5"hex
Timer 3
Features
Two Compare Registers
Capture Register
Edge Sensitive Input with Zero Cross Detection Capability
Trigger and Single Action Modes
Output Control Modes
Automatically Modulation and Demodulation Modes
FSK Modulation
Pulse width Modulation (PWM)
Manchester Demodulation Together with SSI
Biphase Demodulation Together with SSI
Pulse-width Demodulation Together with SSI
Figure 50. Timer 3
First write cycle
Bit 3
Bit 2
Bit 1
Bit 0
Reset value: 1111b
Second write cycle
Bit 7
Bit 6
Bit 5
Bit 4
Reset value: 1111b
8-bit comparator
Compare register 1
RES
Capture register
8-bit counter
Compare register 2
Control
C31
C32
Control
T3SM1
NQ
D
T3RM1
T3IM1
T3TM1
TOG2
T3I
T3TM2
T3IM2
T3RM2
T3SM2
NQ
D
CL3
T3EIM
TOG3
INT5
CM31
CM32
: T3M1
: T3M2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com