Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C862M-R3 Datasheet(PDF) 53 Page - ATMEL Corporation

Part # T48C862M-R3
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C862M-R3 Datasheet(HTML) 53 Page - ATMEL Corporation

Back Button T48C862M-R3 Datasheet HTML 49Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 50Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 51Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 52Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 53Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 54Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 55Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 56Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 57Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 107 page
background image
53
T48C862-R3
4554A–4BMCU–02/03
Timer 2 Compare and
Compare Mode Registers
Timer 2 has two separate compare registers, T2CO1 for the 4-bit stage and T2CO2 for
the 8-bit stage of Timer 2. The timer compares the contents of the compare register cur-
rent counter value and if it matches it generates an output signal. Dependent on the
timer mode, this signal is used to generate a timer interrupt, to toggle the output flip-flop
as SSI clock or as a clock for the next counter stage.
In the 12-bit timer mode, T2CO1 contains bits 0 to 3 and T2CO2 bits 4 to 11 of the 12-bit
compare value. In all other modes, the two compare registers work independently as a
4- and 8-bit compare register.
When assigned to the compare register a compare event will be suppressed.
Timer 2 Compare Mode
Register (T2CM)
Address: "7"hex - Subaddress: "3"hex
Timer 2 COmpare Register 1
(T2CO1)
Address: "7"hex - Subaddress: "4"hex
In prescaler mode the clock is bypassed if the compare register T2CO1 contains 0.
Bit 3Bit 2Bit 1Bit 0
T2OTM
T2CTM
T2RM
T2IM
Reset value: 0000b
T2OTM
Timer 2 Overflow Toggle Mask bit
T2OTM = 0, disable overflow toggle
T2OTM = 1, enable overflow toggle, a counter overflow (OVF2) toggles output
flip-flop (TOG2). If the T2OTM-bit is set, only a counter overflow can
generate an interrupt except on the Timer 2 output mode 7.
T2CTM
Timer 2 Compare Toggle Mask bit
T2CTM = 0, disable compare toggle
T2CTM = 1, enable compare toggle, a match of the counter with the compare
register toggles output flip-flop (TOG2). In Timer 2 output mode 7 and
when the T2CTM-bit is set, only a match of the counter with the
compare register can generate an interrupt.
T2RM
Timer 2 Reset Mask bit
T2RM = 0, disable counter reset
T2RM = 1, enable counter reset, a match of the counter with the compare register
resets the counter
T2IM
Timer 2 Interrupt Mask bit
T2IM = 0, disable Timer 2 interrupt
T2IM = 1, enable Timer 2 interrupt
Timer 2 Output Mode
T2OTM
T2CTM
Timer 2 Interrupt Source
1, 2, 3, 4, 5 and 6
0
x
Compare match (CM2)
1, 2, 3, 4, 5 and 6
1
x
Overflow (OVF2)
7
x
1
Compare match (CM2)
Write cycle
Bit 3
Bit 2
Bit 1
Bit 0
Reset value: 1111b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com