Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C862M-R3 Datasheet(PDF) 97 Page - ATMEL Corporation

Part # T48C862M-R3
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C862M-R3 Datasheet(HTML) 97 Page - ATMEL Corporation

Back Button T48C862M-R3 Datasheet HTML 93Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 94Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 95Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 96Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 97Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 98Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 99Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 100Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 101Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 107 page
background image
97
T48C862-R3
4554A–4BMCU–02/03
AC Characteristics
Supply voltage VDD = 2.0 to 4.0 V, VSS = 0 V, Tamb = 25°C unless otherwise specified.
Parameters
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Operation Cycle Time
System clock cycle
V
DD = 2.0 to 4.0 V
T
amb = -40 to 85°C
t
SYSCL
500
2000
ns
V
DD = 2.4 to 4.0 V
T
amb = -40 to 85°C
t
SYSCL
250
2000
ns
Timer 2 input Timing Pin T2I
Timer 2 input clock
f
T2I
5MHz
Timer 2 input LOW time
Rise/fall time < 10 ns
t
T2IL
100
ns
Timer 2 input HIGH time
Rise/fall time < 10 ns
t
T2IH
100
ns
Timer 3 Input Timing Pin T3I
Timer 3 input clock
f
T3I
SYSCL/2
MHz
Timer 3 input LOW time
Rise/fall time < 10 ns
t
T3IL
2t
SYSCL
ns
Timer 3 input HIGH time
Rise/fall time < 10 ns
t
T3IH
2t
SYSCL
ns
Interrupt Request Input Timing
Interrupt request LOW time
Rise/fall time < 10 ns
t
IRL
100
ns
Interrupt request HIGH time
Rise/fall time < 10 ns
t
IRH
100
ns
External System Clock
EXSCL at OSC1, ECM = EN
Rise/fall time < 10 ns
f
EXSCL
0.5
4
MHz
EXSCL at OSC1, ECM = DI
Rise/fall time < 10 ns
f
EXSCL
0.02
4
MHz
Input HIGH time
Rise/fall time < 10 ns
t
IH
0.1
ms
Reset Timing
Power-on reset time
V
DD > VPOR
t
POR
1.5
5
ms
RC Oscillator 1
Frequency
f
RcOut1
3.8
MHz
Stability
V
DD = 2.0 to 4.0 V
Tamb = -40 to +125°C
Df/f
±50
%
RC Oscillator 2
External Resistor
Frequency
Rext = 180 kW
fRcOut2
4MHz
Stability
VDD = 2.0 to 4.0 V
T
amb = -40 to +125°C
Df/f
±15
%
Stabilization time
t
S
10
ms
4-MHz Crystal Oscillator (Operating Range V
DD = 2.2 V to 4.0 V)
Frequency
f
X
4MHz
Start-up time
t
SQ
5ms
Stability
Df/f
-10
10
ppm
Integrated input/output capacitances
(configurable)
C
IN/COUT programmable
C
IN
C
OUT
0, 2, 5, 7, 10 or 12
0, 2, 5, 7, 10 or 12
pF
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com