Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C862M-R3 Datasheet(PDF) 49 Page - ATMEL Corporation

Part # T48C862M-R3
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C862M-R3 Datasheet(HTML) 49 Page - ATMEL Corporation

Back Button T48C862M-R3 Datasheet HTML 45Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 46Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 47Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 48Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 49Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 50Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 51Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 52Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 53Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 107 page
background image
49
T48C862-R3
4554A–4BMCU–02/03
Timer 2 Output Mode 4
Biphase Modulator: Timer 2 Modulates the SSI Internal Data Output (SO) to Biphase
Code.
Figure 46. Biphase Modulation
Timer 2 Output Mode 5
Manchester Modulator: Timer 2 Modulates the SSI internal data output (SO) to
Manchester code
Figure 47. Manchester Modulation
Timer 2 Output Mode 7
In this mode the timer overflow defines the period and the compare register defines the
duty cycle. During one period only the first compare match occurrence is used to toggle
the timer output flip-flop, until the overflow all further compare match are ignored. This
avoids the situation that changing the compare register causes the occurrence of sev-
eral compare match during one period. The resolution at the pulse-width modulation
Timer 2 mode 1 is 12-bit and all other Timer 2 modes are 8-bit.
TOG2
SC
SO
T2O
00
0
0
00
11
010
1
11
1
1
8-bit SR-Data
Bit 7
Bit 0
Data: 00110101
TOG2
SC
SO
T2O
00
0
0
0
11
01
01
11
1
1
8-bit SR-Data
Bit 7
Bit 0
0
Bit 7
Bit 0
Data: 00110101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com