Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C862M-R3 Datasheet(PDF) 42 Page - ATMEL Corporation

Part # T48C862M-R3
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C862M-R3 Datasheet(HTML) 42 Page - ATMEL Corporation

Back Button T48C862M-R3 Datasheet HTML 38Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 39Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 40Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 41Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 42Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 43Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 44Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 45Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 46Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 107 page
background image
42
T48C862-R3
4554A–4BMCU–02/03
Timer 1 Control Register 1
(T1C1)
Address: "7"hex - Subaddress: "8"hex
* Bit 3 -> MSB, Bit 0 -> LSB
The three bits T1C[2:0] select the divider for timer 1. The resulting time interval depends
on this divider and the timer 1 input clock source. The timer input can be supplied by the
system clock, the 3-2kHz oscillator or via the clock management. If the clock manage-
ment generates the SUBCL, the selected input clock from the RC oscillator, 4-MHz
oscillator or an external clock is divided by 16.
Bit 3 *
Bit 2
Bit 1
Bit 0
T1RM
T1C2
T1C1
T1C0
Reset value: 1111b
T1RM
Timer 1 Restart Mode T1RM = 0, write access without Timer 1 restart
T1RM = 1, write access with Timer 1 restart
Note: If WDL = 0, Timer 1 restart is impossible
T1C2
Timer 1 Control bit 2
T1C1
Timer 1 Control bit 1
T1C0
Timer 1 Control bit 0
T1C2
T1C1
T1C0
Divider
Time Interval with
SUBCL
Time Interval with
SUBCL = 32 kHz
Time Interval with
SYSCL = 2/1 MHz
0
0
0
2
SUBCL/2
61 µs
1 µs/2 µs
0
0
1
4
SUBCL/4
122 µs
2 µs/4 µs
0
1
0
8
SUBCL/8
244 µs
4 µs/8 µs
0
1
1
16
SUBCL/16
488 µs
8 µs/16 µs
1
0
0
32
SUBCL/32
0.977 ms
16 µs/32 µs
1
0
1
256
SUBCL/256
7.812 ms
128 µs/256 µs
1
1
0
2048
SUBCL/2048
62.5 ms
1024 µs/2048 µs
1
1
1
16384
SUBCL/16384
500 ms
8192 µs/16384 µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com