Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C862M-R3 Datasheet(PDF) 39 Page - ATMEL Corporation

Part # T48C862M-R3
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C862M-R3 Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button T48C862M-R3 Datasheet HTML 35Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 36Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 37Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 38Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 39Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 40Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 41Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 42Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 107 page
background image
39
T48C862-R3
4554A–4BMCU–02/03
Port 6 Data Register (P6DAT)
Primary register address: "6"hex
Port 6 Control Register (P6CR)
Auxiliary register address: "6"hex
P6xM2, P6xM1 – Port 6x Interrupt mode/direction code
Universal Timer/Counter/
Communication Module
(UTCM)
The Universal Timer/counter/Communication Module (UTCM) consists of three timers
(Timer 1,Timer 2, Timer 3) and a Synchronous Serial Interface (SSI).
Timer 1 is an interval timer that can be used to generate periodical interrupts and as
prescaler for Timer 2, Timer 3, the serial interface and the watchdog function.
Timer 2 is an 8/12-bit timer with an external clock input (T2I) and an output (T2O).
Timer 3 is an 8-bit timer/counter with its own input (T3I) and output (T3O).
The SSI operates as two wire serial interface or as shift register for modulation and
demodulation. The modulator and demodulator units work together with the timers
and shift the data bits into or out of the shift register.
There is a multitude of modes in which the timers and the serial interface can work
together.
Bit 3Bit 2Bit 1Bit 0
P6DAT3
- - -
- - -
P6DAT0
Reset value: 1xx1b
Bit 3Bit 2Bit 1Bit 0
P63M2
P63M1
P60M2
P60M0
Reset value: 1111b
Auxiliary Address: "6"hex
Write Cycle
Code
3 2 1 0
Function
Code
3 2 1 0
Function
x x 1 1
BP60 in input mode
1 1 x x
BP63 in input mode
x x 1 0
BP60 in output mode
1 0 x x
BP63 in output mode
x x 0 x
BP60 enable alternate port
function (T3O for Timer 3)
0 x x x
BP63 enable alternate port
function (T3I for Timer 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com