Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C862M-R3 Datasheet(PDF) 12 Page - ATMEL Corporation

Part # T48C862M-R3
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C862M-R3 Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button T48C862M-R3 Datasheet HTML 8Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 9Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 10Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 11Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 12Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 13Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 14Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 15Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 107 page
background image
12
T48C862-R3
4554A–4BMCU–02/03
Output power variation for the full
temperature range
T
amb = -40°C to +85°C
V
S = 3.0 V
V
S = 2.0 V
DP
Ref
DP
Ref
-1.5
-4.0
dB
dB
Output power variation for the full
temperature range
T
amb = -40°C to +125°C
V
S = 3.0 V
V
S = 2.0 V
P
Out = PRef + DPRef
DP
Ref
DP
Ref
-2.0
-4.5
dB
dB
Achievable output-power range
Selectable by load impedance
P
Out_typ
08.0
dBm
Spurious emission
f
CLK = f0/128
Load capacitance at Pin CLK = 10 pF
f
O ± 1´ fCLK
f
O ± 4 ´ fCLK
other spurious are lower
-55
-52
dBc
dBc
Oscillator frequency XTO
(= phase comparator frequency)
f
XTO = f0/32
f
XTAL = resonant frequency of the
XTAL, C
M £ 10 fF, load capacitance
selected accordingly
T
amb = -40°C to +85°C
T
amb = -40°C to +125°C
fXTO
-30
-40
f
XTAL
+30
+40
ppm
ppm
PLL loop bandwidth
250
kHz
Phase noise of phase
comparator
Referred to f
PC = fXT0,
25 kHz distance to carrier
-116
-110
dBc/Hz
In loop phase noise PLL
25 kHz distance to carrier
-86
-80
dBc/Hz
Phase noise VCO
at 1 MHz
at 36 MHz
-94
-125
-90
-121
dBc/Hz
dBc/Hz
Frequency range of VCO
f
VCO
310
330
MHz
Clock output frequency (CMOS
microcontroller compatible)
f
0/128
MHz
Voltage swing at Pin CLK
C
Load £ 10 pF
V
0h
V0l
V
S ´ 0.8
VS ´ 0.2
V
V
Series resonance R of the crystal
Rs
110
W
Capacitive load at Pin XT0
7pF
FSK modulation frequency rate
Duty cycle of the modulation signal =
50%
032
kHz
ASK modulation frequency rate
Duty cycle of the modulation signal =
50%
032
kHz
ENABLE input
Low level input voltage
High level input voltage
Input current high
V
Il
VIh
I
In
1.7
0.25
20
V
V
µA
PA_ENABLE input
Low level input voltage
High level input voltage
Input current high
V
Il
V
Ih
IIn
1.7
0.25
5
V
V
µA
Electrical Characteristics (Continued)
VS = 2.0 V to 4.0 V, Tamb = -40°C to +125°C, unless otherwise specified.
Typical values are given at VS = 3.0 V and Tamb = 25°C. All parameters are referred to GND (Pin 7).
Parameters
Test Conditions
Symbol
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com