Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C862M-R3 Datasheet(PDF) 79 Page - ATMEL Corporation

Part # T48C862M-R3
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C862M-R3 Datasheet(HTML) 79 Page - ATMEL Corporation

Back Button T48C862M-R3 Datasheet HTML 75Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 76Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 77Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 78Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 79Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 80Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 81Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 82Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 83Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 107 page
background image
79
T48C862-R3
4554A–4BMCU–02/03
Combination Mode 1:
Burst Modulation
SSI mode 1:
8-bit NRZ and internal data SO output to the Timer 2
modulator stage
Timer 2 mode 1, 2, 3 or 4:
8-bit compare counter with 4-bit programmable prescaler
and DCG
Timer 2 output mode 3:
Duty cycle burst generator
Figure 74. Carrier Frequency Burst Modulation with the SSI Internal Data Output
Combination Mode 2:
Biphase Modulation 1
SSI mode 1:
8-bit shift register internal data output (SO) to the Timer 2
modulator stage
Timer 2 mode 1, 2, 3 or 4:
8-bit compare counter with 4-bit programmable prescaler
Timer 2 output mode 4:
The modulator 2 of Timer 2 modulates the SSI internal
data output to Biphase code
Figure 75. Biphase Modulation 1
1 20 120 120 12 012 0 1 2 0 1 2 01 2 012 01 20 120 12 0 120 1
DCGO
Counter 2
TOG2
SO
T2O
Counter = compare register (=2)
Bit 0
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Bit 7
Bit 8
Bit 9
Bit 10
Bit 11
Bit 12
Bit 13
TOG2
SC
SO
T2O
00
0
0
0
0
11
01
0
1
1
111
8-bit SR-data
Bit 7
Bit 0
Data: 00110101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com