Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C862M-R3 Datasheet(PDF) 77 Page - ATMEL Corporation

Part # T48C862M-R3
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C862M-R3 Datasheet(HTML) 77 Page - ATMEL Corporation

Back Button T48C862M-R3 Datasheet HTML 73Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 74Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 75Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 76Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 77Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 78Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 79Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 80Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 81Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 107 page
background image
77
T48C862-R3
4554A–4BMCU–02/03
Serial Interface Status and
Control Register (SISC)
Primary register address: "A"hex
Serial Transmit Buffer (STB)
Byte Write
Primary register address: "9"hex
The STB is the transmit buffer of the SSI. The SSI transfers the transmit buffer into the shift regis-
ter and starts shifting with the most significant bit.
Serial Receive Buffer (SRB)
Byte Read
Primary register address: "9"hex
The SRB is the receive buffer of the SSI. The shift register clocks serial data in (most significant
bit first) and loads content into the receive buffer when complete telegram has been received.
Bit 3Bit 2Bit 1Bit 0
Write
MCL
RACK
SIM
IFN
Reset value: 1111b
Read
- - -
TACK
ACT
SRDY
Reset value: xxxxb
MCL
Multi-Chip Link activation
MCL = 1,multi-chip link disabled. This bit has to be set to "0" during
transactions to/from the internal EEPROM
MCL = 0, connects SC and SD additionally to the internal multi-chip link pads
RACK
Receive ACKnowledge status/control bit for MCL mode
RACK = 0, transmit acknowledge in next receive telegram
RACK = 1, transmit no acknowledge in last receive telegram
TACK
Transmit ACKnowledge status/control bit for MCL mode
TACK = 0, acknowledge received in last transmit telegram
TACK = 1, no acknowledge received in last transmit telegram
SIM
Serial Interrupt Mask
SIM = 1, disable interrupts
SIM = 0, enable serial interrupt. An interrupt is generated.
IFN
Interrupt FuNction
IFN = 1, the serial interrupt is generated at the end of telegram
IFN = 0, the serial interrupt is generated when the SRDY goes low (i.e., buffer
becomes empty/full in transmit/receive mode)
SRDY
Serial interface buffer ReaDY status flag
SRDY = 1,
in receive mode: receive buffer empty
in transmit mode: transmit buffer full
SRDY = 0,
in receive mode: receive buffer full
in transmit mode: transmit buffer empty
ACT
Transmission ACTive status flag
ACT = 1, transmission is active, i.e., serial data transfer. Stop or start conditions
are currently in progress.
ACT = 0, transmission is inactive
First write cycle
Bit 3
Bit 2
Bit 1
Bit 0
Reset value: xxxxb
Second write cycle
Bit 7
Bit 6
Bit 5
Bit 4
Reset value: xxxxb
First read cycle
Bit 7
Bit 6
Bit 5
Bit 4
Reset value: xxxxb
Second read cycle
Bit 3
Bit 2
Bit 1
Bit 0
Reset value: xxxxb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com