Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C862M-R3 Datasheet(PDF) 16 Page - ATMEL Corporation

Part # T48C862M-R3
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C862M-R3 Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button T48C862M-R3 Datasheet HTML 12Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 13Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 14Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 15Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 16Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 17Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 18Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 19Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 107 page
background image
16
T48C862-R3
4554A–4BMCU–02/03
Figure 11. RAM Map
Registers
The microcontroller has seven programmable registers and one condition code register
(seeFigure 12).
Program Counter (PC)
The program counter is a 12-bit register which contains the address of the next instruc-
tion to be fetched from the EEPROM. Instructions currently being executed are decoded
in the instruction decoder to determine the internal micro-operations. For linear code (no
calls or branches), the program counter is incremented with every instruction cycle. If a
branch-, call-, return-instruction or an interrupt is executed, the program counter is
loaded with a new address. The program counter is also used with the table instruction
to fetch 8-bit wide EEPROM constants.
Figure 12. Programming Mode l
RAM
FCh
00h
Autosleep
FFh
03h
04h
X
Y
SP
RP
TOS-1
Expression
stack
Return
stack
Global
variables
07h
(256 x 4-bit)
Global
variables
4-bit
TOS
TOS-1
TOS-2
30
SP
Expression stack
Return stack
0
11
12-bit
RP
v
TOS
CCR
0
3
0
3
0
7
0
7
7
0
11
RP
SP
X
Y
PC
--
B
I
Program counter
Return stack pointer
Expression stack pointer
RAM address register (X)
RAM address register (Y)
Top of stack register
Condition code register
Carry / borrow
Branch
Interrupt enable
Reserved
0
7
C
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com