Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C862M-R3 Datasheet(PDF) 90 Page - ATMEL Corporation

Part # T48C862M-R3
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C862M-R3 Datasheet(HTML) 90 Page - ATMEL Corporation

Back Button T48C862M-R3 Datasheet HTML 86Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 87Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 88Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 89Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 90Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 91Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 92Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 93Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 94Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 107 page
background image
90
T48C862-R3
4554A–4BMCU–02/03
Figure 90. FSK Modulation
Data EEPROM
The internal data EEPROM offers 2 pages of 512 bits each. Both pages are organized
as 32
´ 16-bit words. The programming voltage as well as the write cycle timing is gen-
erated on chip. To be compatible with the ROM parts, two restrictions have to be taken
into account:
To use the same EEPROM page as with the ROM parts the application software has
to write the MCL-command “09h” to the EEPROM. This command has no effect for
the microcontroller if it is left inside the HEX-file for the ROM version.
Data handling for read and write is performed using the serial interface MCL.
The page select is performed by either writing “01h” (page 1) or “09h” (page 0) to the
EEPROM.
Figure 91. Data EEPROM
012340 1 23401 2 3
Counter 3
CM31
CM32
SO
40 1 2 0 1 2012 0 120 1 201201 20 1 2 3
T3R
40
T3O
1
01
0
16-bit read/write buffer
Address
control
8-bit data register
EEPROM
2 x 32 x 16
HV-generator
Timing control
Mode
control
I/O
control
SCL
V
DD
V
SS
SDA
Page 1
Page 0
--> Write "01h"
--> Write "09h"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com