Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C862M-R3 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # T48C862M-R3
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C862M-R3 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button T48C862M-R3 Datasheet HTML 6Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 7Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 8Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 9Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 10Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 11Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 12Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 13Page - ATMEL Corporation T48C862M-R3 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 107 page
background image
10
T48C862-R3
4554A–4BMCU–02/03
Figure 7. FSK Application Circuit
CLK
PA_ENABLE
ANT2
ANT1
ENABLE
GND
VS
XTAL
21
22
23
24
1
2
3
4
VCO
LF
CP
PFD
f
32
XTO
PLL
PA
f
4
Power up/down
C3
VS
C1
VS
C4
Loop
Antenna
L1
XTAL
C2
C5
9
11
6
5
8
7
10
12
BP20/NTE
VDD
BP42/T2O
VSS
15
16
14
13
19
20
18
17
OSC1
OSC2
BP60/T3O
BP50/INT6
BP63/T3I
BP23
NRESET
BP41/T2I/VMI
BP43/SD/
INT3
BP52/INT1
BP53/INT1
BP40/SC/INT3
VS
S1
S2
S3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com