Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QL641 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # AT25QL641
Description  SPI Serial Flash Memory with Dual I/O, Quad I/O, QPI Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25QL641 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button AT25QL641 Datasheet HTML 25Page - Renesas Technology Corp AT25QL641 Datasheet HTML 26Page - Renesas Technology Corp AT25QL641 Datasheet HTML 27Page - Renesas Technology Corp AT25QL641 Datasheet HTML 28Page - Renesas Technology Corp AT25QL641 Datasheet HTML 29Page - Renesas Technology Corp AT25QL641 Datasheet HTML 30Page - Renesas Technology Corp AT25QL641 Datasheet HTML 31Page - Renesas Technology Corp AT25QL641 Datasheet HTML 32Page - Renesas Technology Corp AT25QL641 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 80 page
background image
DS-AT25QL641-130 Rev. G
Page 29
Sep 14, 2022
© 2022 Renesas Electronics
AT25QL641 Datasheet
8.10 Fast Read (0Bh)
The Fast Read command is high-speed reading mode that it can operate at the highest possible frequency of FR.
The address is latched on the rising edge of the SCK. After the 24-bit address, this is accomplished by adding
dummy clocks as shown in Figure 16. The dummy clocks means the internal circuits require time to set up the
initial address. During the dummy clocks, the data value on the SO pin is a don’t care. Data of each bit shifts out
on the falling edge of SCK.
Figure 16. Fast Read Command (SPI Mode)
Fast Read in QPI Mode
When QPI mode is enabled, the number of dummy clock is configured by the Set Read Parameters (C0h)
command to accommodate wide range applications with different needs for either maximum Fast Read frequency
or minimum data access latency. The number of dummy clock cycles can be configured as either 4, 6 or 8 by
setting bits P[5:4] in the 8-bit parameter of the Set Read Parameters (C0h) command as shown in Table 12,
Encoding of P[5:4] Bits. The default number of dummy clocks upon power up or after a Reset command is 4. See
Figure 17.
Figure 17. Fast Read Command (QPI Mode)
SCK
CS
1
0
234
6
579
810
28
23
22
21
3
2
1
0
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
High-Impedance
24-Bit Address
Command
0Bh
SCK
CS
High-Impedance
Dummy Clocks
Data Out
76
5
4
32
1
0
Mode 3
Mode 0
SI
SO
SI
SO
CS
SCK
IO
0
IO
1
1
04
3
26
5
8
9
1011
1213
14
7
Dummy Clocks*
* = “Set Read Parameters” command (C0h) can set the number of dummy clocks
Data Out 1 Data Out 2 Data Out 3
A23-16
A15-8
A7-0
Mode 3
Mode 0
Command
0Bh
20
16
21
17
22
18
23
19
12
8
13
9
14
10
15
11
40
51
62
73
40
51
62
7
4
5
6
7
3
40
51
62
73
MSB
MSB
MSB
MSB
IO
2
IO
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com