Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QL641 Datasheet(PDF) 42 Page - Renesas Technology Corp

Part # AT25QL641
Description  SPI Serial Flash Memory with Dual I/O, Quad I/O, QPI Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25QL641 Datasheet(HTML) 42 Page - Renesas Technology Corp

Back Button AT25QL641 Datasheet HTML 38Page - Renesas Technology Corp AT25QL641 Datasheet HTML 39Page - Renesas Technology Corp AT25QL641 Datasheet HTML 40Page - Renesas Technology Corp AT25QL641 Datasheet HTML 41Page - Renesas Technology Corp AT25QL641 Datasheet HTML 42Page - Renesas Technology Corp AT25QL641 Datasheet HTML 43Page - Renesas Technology Corp AT25QL641 Datasheet HTML 44Page - Renesas Technology Corp AT25QL641 Datasheet HTML 45Page - Renesas Technology Corp AT25QL641 Datasheet HTML 46Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 80 page
background image
DS-AT25QL641-130 Rev. G
Page 42
Sep 14, 2022
© 2022 Renesas Electronics
AT25QL641 Datasheet
8.19 64-kByte Block Erase (D8h)
The 64 kB Block Erase command is to erase a 64-kByte block of memory. Prior to the Block Erase Command, a
Write Enable (06h) command must be issued. The command is initiated by driving the CS pin low and shifting the
command code D8h followed b y a 24-bit block address (A23-A0). See Figure 33 and Figure 34 below. The CS
pin must go high after the eighth bit of the last byte has been latched in, otherwise, the Block Erase command is
not executed. After CS is driven high, the self-timed Block Erase command commences for a time duration of tBE2
(see Table 26, AC Electrical Characteristics).
While the block erase operation is in progress, the Read Status Register (05h) command may still be used to
read the status of the BUSY bit. The BUSY bit is a 1 during the Block Erase cycle and becomes a 0 when the
cycle is finished and the device is ready to accept other commands again. When the BUSY bit is asserted, the
Write Enable Latch (WEL) bit in the Status Register is cleared to 0.
Figure 33. 64-kByte Block Erase Command (SPI Mode)
Figure 34. 64-kByte Block Erase Command (QPI Mode)
35
246
7
29
31
30
9
8
23
22
2
1
0
01
Mode 3
Mode 0
Mode 3
Mode 0
High-Impedance
IO
IO
SCK
CS
Command (D8h)
24-Bit Address
MSB
SCK
CS
1
0
2345
Mode 3
Command
D8h
A23-16
A15-8
A7-0
Mode 0
8
12
11
15
14
10
9
13
16
20
18
19
23
22
17
21
IO
0
4
2
3
7
6
1
5
67
Mode 3
Mode 0
MSB
IO
IO
IO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com