Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QL641 Datasheet(PDF) 75 Page - Renesas Technology Corp

Part # AT25QL641
Description  SPI Serial Flash Memory with Dual I/O, Quad I/O, QPI Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25QL641 Datasheet(HTML) 75 Page - Renesas Technology Corp

Back Button AT25QL641 Datasheet HTML 71Page - Renesas Technology Corp AT25QL641 Datasheet HTML 72Page - Renesas Technology Corp AT25QL641 Datasheet HTML 73Page - Renesas Technology Corp AT25QL641 Datasheet HTML 74Page - Renesas Technology Corp AT25QL641 Datasheet HTML 75Page - Renesas Technology Corp AT25QL641 Datasheet HTML 76Page - Renesas Technology Corp AT25QL641 Datasheet HTML 77Page - Renesas Technology Corp AT25QL641 Datasheet HTML 78Page - Renesas Technology Corp AT25QL641 Datasheet HTML 79Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 80 page
background image
DS-AT25QL641-130 Rev. G
Page 75
Sep 14, 2022
© 2022 Renesas Electronics
AT25QL641 Datasheet
10. Ordering Information
10.1 Ordering Code Detail
Ordering Code[1][2]
1. The AT25QL641 is shipped with the QE bit set to 1 enabling the Quad / QPI mode.
2. The shipping carrier option code is not marked on the devices.
Package
Lead Finish
Operating Voltage
Max. Freq.
Operation Range
AT25QL641-MHE-T
8MA1
NiPdAu
1.7 V - 2.0 V
133 MHz
-40 oC to 85 oC
(Industrial
Temperature Range)
SnAgCu
AT25QL641-UUE-T
8-WLCSP
Package Type
8MA1
8-pad (5 x 6 x 0.6 mm body), Thermally Enhanced Plastic Ultra-Thin Dual Flat No-lead (UDFN)
8-WLCSP
8-ball, 0.5mm pitch, die Ball Grid Array (dBGA)
AT 2 5 Q
6 4
M
E
HT
1–
–
L
Designator
Product Family
Device Density
641 = 64-megabit
Package Option
M = 8-pad, 5 x 6 x 0.6 mm UDFN
U = 8-ball 0.5mm pitch dBGA
Device Grade
U = Green, Matte Sn or Sn alloy,
Industrial temperature range
(–40°C to +85°C)
H = NiPdAu lead-frame
Industrial Temp range (-40C+85C)
Shipping Carrier Option
T = Tape and reel
Operating Voltage
E =
1.7V to 2.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com