Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QL641 Datasheet(PDF) 70 Page - Renesas Technology Corp

Part # AT25QL641
Description  SPI Serial Flash Memory with Dual I/O, Quad I/O, QPI Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25QL641 Datasheet(HTML) 70 Page - Renesas Technology Corp

Back Button AT25QL641 Datasheet HTML 66Page - Renesas Technology Corp AT25QL641 Datasheet HTML 67Page - Renesas Technology Corp AT25QL641 Datasheet HTML 68Page - Renesas Technology Corp AT25QL641 Datasheet HTML 69Page - Renesas Technology Corp AT25QL641 Datasheet HTML 70Page - Renesas Technology Corp AT25QL641 Datasheet HTML 71Page - Renesas Technology Corp AT25QL641 Datasheet HTML 72Page - Renesas Technology Corp AT25QL641 Datasheet HTML 73Page - Renesas Technology Corp AT25QL641 Datasheet HTML 74Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 80 page
background image
DS-AT25QL641-130 Rev. G
Page 70
Sep 14, 2022
© 2022 Renesas Electronics
AT25QL641 Datasheet
9.
Electrical Characteristics
Figure 65. Power-Up Timing and Voltage Levels
Table 20. Absolute Maximum Ratings[1]
1. Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. The Absolute Maximum
Ratings are stress ratings only and functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability. Voltage extremes referenced in the Absolute Maximum Ratings are intended to accommodate short duration
undershoot/overshoot conditions and does not imply or guarantee functional device operation at these levels for any extended period of
time.
Parameter
Symbol
Conditions
Value
Units
Supply Voltage
VCC
-0.6 to VCC+0.4
V
Voltage Applied to any pin
VIO
Relative to Ground
-0.6 to VCC +0.4
V
Transient Voltage on any pin
VIOT
<20nS Transient
Relative to Ground
-1.0 V to VCC +1.0 V
V
Storage temperature
TSTG
-65 to +150
˚C
Lead temperature
TLEAD
See Note[2]
2. Compliant with JEDEC Standard J-STD-20C for small body Sn-Pb or Pb-free (Green) assembly and the European directive on
restrictions on hazardous substances (RoHS) 2002/95/EU.
˚C
Electrostatic discharge voltage
VESD
Human Body Model[3]
3. JEDEC Std JESD22-A114A (C1 = 100 pF, R1 = 1500
Ω, R2 = 500Ω).
-2000 to +2000
V
Table 21. Operating Ranges
Parameter
Symbols
Conditions
Min
Max
Units
Supply Voltage
VCC
fR = 133 MHz (Single/Dual/Quad SPI)
fR = 50 MHz (Read Data 03h)
1.7
2.0
V
Ambient Operating Temperature
TA
Industrial
-40
+85
oC
Table 22. Endurance and Data Retention
Parameter
Conditions
Min
Max
Units
Erase/Program Cycles
4 kB Block, 32/64 kB block, or full chip
100,000
Cycles
Data Retention
Full Temperature Range
20
Years
Table 23. Power-up Timing and Write Inhibit Threshold
Parameter
Symbol[1]
1. These parameters are characterized at -10C and +85C only
Min
Max
Units
VCC (min) to CS low
tVSL
10
μs
Time Delay before Write Command
tPUW
110
ms
Write Inhibit Threshold Voltage
VWI
1.0
1.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com