Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QL641 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # AT25QL641
Description  SPI Serial Flash Memory with Dual I/O, Quad I/O, QPI Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25QL641 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button AT25QL641 Datasheet HTML 12Page - Renesas Technology Corp AT25QL641 Datasheet HTML 13Page - Renesas Technology Corp AT25QL641 Datasheet HTML 14Page - Renesas Technology Corp AT25QL641 Datasheet HTML 15Page - Renesas Technology Corp AT25QL641 Datasheet HTML 16Page - Renesas Technology Corp AT25QL641 Datasheet HTML 17Page - Renesas Technology Corp AT25QL641 Datasheet HTML 18Page - Renesas Technology Corp AT25QL641 Datasheet HTML 19Page - Renesas Technology Corp AT25QL641 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 80 page
background image
DS-AT25QL641-130 Rev. G
Page 16
Sep 14, 2022
© 2022 Renesas Electronics
AT25QL641 Datasheet
7.9
Erase/Program Suspend Status (SUS)
The Suspend Status bit (SUS) is a read only bit in the status register (S15) that is set to 1 after executing an
Erase/Program Suspend (75h) command. The SUS status bit is cleared to 0 by Erase/Program Resume (7Ah)
command as well as a power down, power-up cycle.
1. X = Don’t care
2. L = Lower; U = Upper
3. If any Erase or Program command specifies a memory region that contains protected data portion, this command is ignored.
4. Note 3 does not apply to this Status Register Bit setting. See Errata 1 at the end of this document for details.
Table 5. Status Register Memory Protection (CMP = 0)
Status Register Bits
Memory Protection
SEC
TB
BP2
BP1
BP0
Sector(s)
Address Range
Density
Portion of Memory
X
X
0
0
0
NONE
NONE
NONE
NONE
00
0
0
1
126 and 127
7E0000h - 7FFFFFh
128 kB
Upper 1/64
00
0
1
0
124 through 127
7C0000h - 7FFFFFh
256 kB
Upper 1/32
0
0
0
1
1
120 through 127
780000h - 7FFFFFh
512 kB
Upper 1/16
0
0
1
0
0
112 through 127
700000h - 7FFFFFh
1 MB
Upper 1/8
0
0
1
0
1
96 through 127
600000h - 7FFFFFh
2 MB
Upper 1/4
0
0
1
1
0
64 through 127
400000h - 7FFFFFh
4 MB
Upper 1/2
0
1
0
0
1
0 and 1
000000h - 01FFFFh
128 kB
Lower 1/64
0
1
0
1
0
0 through 3
000000h - 03FFFFh
256 kB
Lower 1/32
0
1
0
1
1
0 through 7
000000h - 07FFFFh
512 kB
Lower 1/16
0
1
1
0
0
0 through 15
000000h - 0FFFFFh
1 MB
Lower 1/8
0
1
1
0
1
0 through 31
000000h - 1FFFFFh
2 MB
Lower 1/4
0
1
1
1
0
0 through 63
000000h - 3FFFFFh
4 MB
Lower 1/2
X
X
1
1
1
0 through 127
000000h - 7FFFFFh
8 MB
ALL
1
0
0
0
1
127
7FF000h - 7FFFFFh
4 kB
U – 1/2048 4
1
0
0
1
0
127
7FE000h - 7FFFFFh
8 kB
U – 1/1024
1
0
0
1
1
127
7FC000h - 7FFFFFh
16 kB
U – 1/512
1
0
1
0
X
127
7F8000h - 7FFFFFh
32 kB
U – 1/256
1
1
0
0
1
0
000000h - 000FFFh
4 kB
L – 1/2048
1
1
0
1
0
0
000000h - 001FFFh
8 kB
L – 1/1024
1
1
0
1
1
0
000000h - 003FFFh
16 kB
L – 1/512
1
1
1
0
X
0
000000h - 007FFFh
32 kB
L – 1/256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com