Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QL641 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # AT25QL641
Description  SPI Serial Flash Memory with Dual I/O, Quad I/O, QPI Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25QL641 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button AT25QL641 Datasheet HTML 4Page - Renesas Technology Corp AT25QL641 Datasheet HTML 5Page - Renesas Technology Corp AT25QL641 Datasheet HTML 6Page - Renesas Technology Corp AT25QL641 Datasheet HTML 7Page - Renesas Technology Corp AT25QL641 Datasheet HTML 8Page - Renesas Technology Corp AT25QL641 Datasheet HTML 9Page - Renesas Technology Corp AT25QL641 Datasheet HTML 10Page - Renesas Technology Corp AT25QL641 Datasheet HTML 11Page - Renesas Technology Corp AT25QL641 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 80 page
background image
DS-AT25QL641-130 Rev. G
Page 8
Sep 14, 2022
© 2022 Renesas Electronics
AT25QL641 Datasheet
2.
Pinouts and Pin Descriptions
Figure 1 and Figure 2 show the available package types.
During all operations, VCC must be held stable and within the specified valid range: VCC (min) to VCC (max).
All of the input and output signals must be held high or low (according to voltages of VIH, VOH, VIL or VOL).
Figure 1. 8-UDFN (Top View)
Figure 2. 8-WLCSP (Bottom View)
Table 1. Pin Descriptions
Symbol
Name and Function
Asserted
State
Type
CS
CHIP SELECT
When this input signal is high, the device is deselected and serial data output pins are
at high impedance. Unless an internal program, erase or write status register cycle is in
progress, the device remains in the standby power mode (this is not the deep power
down mode). Driving the Chip Select (CS) low enables the device, placing it in the
active power mode. After power-up, a falling edge of Chip Select (CS) is required prior
to the start of any command.
Low
Input
SCK
SERIAL CLOCK
This input signal provides the timing for the serial interface. Commands, addresses, or
data present at serial data input are latched on the rising edge of Serial Clock (SCK).
Data are shifted out on the falling edge of the SCK.
-
Input
SI (I/O0)
SERIAL INPUT
The SI pin is used to shift data into the device. The SI pin is used for all data input,
including command and address sequences. Data on the SI pin is always latched in on
the rising edge of SCK.
With the Dual-Output and Quad-Output Read commands, the SI Pin becomes an
output pin (I/O0) in conjunction with other pins to allow two or four bits of data on (I/O3-
0) to be clocked in on every falling edge of SCK
To maintain consistency with the SPI nomenclature, the SI (I/O0) pin is referenced as
the SI pin unless specifically addressing the Dual-I/O and Quad-I/O modes in which
case it is referenced as I/O0.
Data present on the SI pin is ignored whenever the device is deselected (CS is
deasserted).
-
Input/Output
CS
SO (IO
1)
WP (IO
2, ACC)
GND
1
2
3
4
8
7
6
5
VCC
HOLD (IO
3)
SCK
SI (IO
0)
Vcc
CS
I/O
1(SO)
I/O
3(HOLD)
SCK
I/O
2(WP)
GND
I/O
0(SI)
NC
NC
NC
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com