Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QL641 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # AT25QL641
Description  SPI Serial Flash Memory with Dual I/O, Quad I/O, QPI Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25QL641 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button AT25QL641 Datasheet HTML 24Page - Renesas Technology Corp AT25QL641 Datasheet HTML 25Page - Renesas Technology Corp AT25QL641 Datasheet HTML 26Page - Renesas Technology Corp AT25QL641 Datasheet HTML 27Page - Renesas Technology Corp AT25QL641 Datasheet HTML 28Page - Renesas Technology Corp AT25QL641 Datasheet HTML 29Page - Renesas Technology Corp AT25QL641 Datasheet HTML 30Page - Renesas Technology Corp AT25QL641 Datasheet HTML 31Page - Renesas Technology Corp AT25QL641 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 80 page
background image
DS-AT25QL641-130 Rev. G
Page 28
Sep 14, 2022
© 2022 Renesas Electronics
AT25QL641 Datasheet
8.9
Read Data (03h)
The Read Data command is used to read data out from the device. The command is initiated by driving the CS
pin low and then sending the command code 03h followed by a 24-bit address (A23 - A0) onto the SI pin. After
the address is received, the data byte of the addressed memory location is shifted out on the SO pin at the falling
edge of SCK with the most significant bit (MSB) first. The address is automatically incremented to the next higher
address after byte of data is shifted out allowing for a continuous stream of data. This means that the entire
memory can be accessed with a single command as long as the clock continues. The command is completed by
driving CS high.
The Read Data command sequence is shown in Figure 15. If a Read Data command is issued while an Erase,
Program or Write Status Register cycle is in process (BUSY = 1) the command is ignored and does not have any
effects on the current cycle. The Read Data command allows clock rates from D.C to a maximum of fR (see Table
26, AC Electrical Characteristics).
Figure 15. Read Data Command
6&.
&6
6,
62
06%
06%






 


 




 
 
 
23&2'(
$$$$
$$$
$$
06%
06%
''''''''
'
'
$''5(66%,76$$
DATA BYTE 1
+LJK,PSHGDQFH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com