Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QL641 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # AT25QL641
Description  SPI Serial Flash Memory with Dual I/O, Quad I/O, QPI Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25QL641 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button AT25QL641 Datasheet HTML 16Page - Renesas Technology Corp AT25QL641 Datasheet HTML 17Page - Renesas Technology Corp AT25QL641 Datasheet HTML 18Page - Renesas Technology Corp AT25QL641 Datasheet HTML 19Page - Renesas Technology Corp AT25QL641 Datasheet HTML 20Page - Renesas Technology Corp AT25QL641 Datasheet HTML 21Page - Renesas Technology Corp AT25QL641 Datasheet HTML 22Page - Renesas Technology Corp AT25QL641 Datasheet HTML 23Page - Renesas Technology Corp AT25QL641 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 80 page
background image
DS-AT25QL641-130 Rev. G
Page 20
Sep 14, 2022
© 2022 Renesas Electronics
AT25QL641 Datasheet
Table 9. Command Set Table 2 (Dual SPI Commands)
Command Byte
01
234
5
Clock Number
0 - 7
8 - 15
16 - 23
24 - 31
32 - 39
40 - 47
Fast Read Dual Output
3Bh
A23:A16
A15:A8
A7:A0
Dummy
D7:D0[1]
1.
Dual Output data: I/O0 = (D6, D4, D2, D0), I/O1 = (D7, D5, D3, D1)
Fast Read Dual I/O
BBh
A23:A8[2]
2.
Dual input address:
I/O0 = A22, A20, A18, A16, A14, A12, A10, A8, A6, A4, A2, A0, M6, M4, M2, M0
I/O1 = A23, A21, A19, A17, A15, A13, A11, A9, A7, A5, A3, A1, M7, M5, M3, M1
A7:A0,
M7:M0(2)
D7:D0....(1)
Read Manufacturer ID[3]
3.
See Table 7 for Device ID information.
92h
0000h
(00h, xxxx) or
01h, xxxx)
MID7:MID0
DID7:DID0(1)
Table 10. Command Set Table 3 (Quad SPI Commands)
Command Byte
0
1
2
3
4
5
Clock Number
0 - 7
8 - 15
16 - 23
24 - 31
32 - 39
40 - 47
Fast Read Quad Output
6Bh
A23:A16
A15:A8
A7:A0
Dummy
D7:D0[1]
1.
Quad Input/ Output Data
I/O0 = (D4, D0...)
I/O1 = (D5, D1...)
I/O2 = (D6, D2...)
I/O3 = (D7, D3...)
Fast Read Quad I/O
EBh
A23:A0,
M7:M0[2]
2.
Quad Input Address
I/O0 = A20, A16, A12, A8, A0, M4, M0
I/O1 = A21, A17, A13, A9, A1, M5, M1
I/O2 = A22, A18, A14, A10, A2, M6, M2
I/O3 = A23, A19, A15, A11, A3, M7, M3
(xxxx, D7:D0...)[3]
3.
Fast Read Quad I/O Data Output
I/O0 = (x, x, x, x, D4, D0...)
I/O1 = (x, x, x, x, D5, D1...)
I/O2 = (x, x, x, x, D6, D2...)
I/O3 = (x, x, x, x, D7, D3...)
D7:D0....(1)
Quad Page Program
33h
A23:A0
(D7:D0, ...) 1
Read Quad Manufacturer ID[4]
4.
See Table 7 for Device ID information.
94h
00_0000h, xx
or
00_00001h, xx
(xxxx, MID7:MID0)
(xxxx, DID7:DID0)(3)
Fast Read Quad I/O
EBh
A23:A0
M7:M0 2
(xx, D7:D0)
D7:D0 1
Set Burst with Wrap
77h
xxxxxx,
W6:W4[5]
5.
Set Burst With Wrap
I/O0 = x, x, x, x, x, x, W4, x
I/O1 = x, x, x, x, x, x, W5, x
I/O2 = x, x, x, x, x, x, W6, x
I/O3 = x, x, x, x, x, x, W7, x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com