Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QL641 Datasheet(PDF) 71 Page - Renesas Technology Corp

Part # AT25QL641
Description  SPI Serial Flash Memory with Dual I/O, Quad I/O, QPI Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25QL641 Datasheet(HTML) 71 Page - Renesas Technology Corp

Back Button AT25QL641 Datasheet HTML 67Page - Renesas Technology Corp AT25QL641 Datasheet HTML 68Page - Renesas Technology Corp AT25QL641 Datasheet HTML 69Page - Renesas Technology Corp AT25QL641 Datasheet HTML 70Page - Renesas Technology Corp AT25QL641 Datasheet HTML 71Page - Renesas Technology Corp AT25QL641 Datasheet HTML 72Page - Renesas Technology Corp AT25QL641 Datasheet HTML 73Page - Renesas Technology Corp AT25QL641 Datasheet HTML 74Page - Renesas Technology Corp AT25QL641 Datasheet HTML 75Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 80 page
background image
DS-AT25QL641-130 Rev. G
Page 71
Sep 14, 2022
© 2022 Renesas Electronics
AT25QL641 Datasheet
9.1
DC Electrical Characteristics
9.2
AC Measurement Conditions
Figure 66. AC Measurement I/O Waveform
Table 24. DC Electrical Characteristics
Parameter
Symbol
Condition
Min
Typ
Max
Units
Input Capacitance[1]
1. Tested on sample basis and specified through design and characterization data, TA = 25C, VCC = 1.8V.
CIN
VIN = 0V
6
pF
Output Capacitance(1)
COUT
VOUT = 0V
8
pF
Input Leakage
ILI
±2
µA
Output Leakage
ILO
±2
µA
Standby Current
ICC1
CS = VCC
VIN = GND or VCC
10
50
µA
Power-Down Current
ICC2
CS = VCC
VIN = GND or VCC
220
µA
Current Read Data
Dual/Quad 1 MHz[2]
2. Checked board pattern.
ICC3
C = 0.1 VCC / 0.9 VCC
IO = Open
7mA
Current Read Data
Dual/Quad 50 MHz(2)
ICC3
C = 0.1 VCC / 0.9 VCC
IO = Open
15
mA
Current Read Data
Dual/Quad 80 MHz(2)
ICC3
C = 0.1 VCC / 0.9 VCC
IO = Open
18
mA
Current Read Data
Dual/Quad 104 MHz(2)
ICC3
C = 0.1 VCC / 0.9 VCC
IO = Open
20
mA
Current Read Data
Dual/Quad 133 MHz(2)
ICC3
C = 0.1 VCC / 0.9 VCC
IO = Open
27
mA
Current Write Status
Register
ICC4
CS = VCC
10
20
mA
Current Page Program
ICC5
CS = VCC
15
25
mA
Current Block Erase
ICC6
CS = VCC
15
25
mA
Current Chip Erase
ICC7
CS = VCC
15
25
mA
Table 25. AC Measurement Conditions
Parameter
Symbol
Min
Max
Units
Load Capacitance
CL
30
pF
Input Rise and Fall Times
tR, tF
5ns
Input Pulse Voltages
VIN
0.2 VCC to 0.8 VCC
V
Input Timing Reference Voltages
IN
0.3 VCC to 0.7 VCC
V
Output Timing Reference Voltages
OUT
0.5 VCC to 0.5 VCC
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com