Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QL641 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # AT25QL641
Description  SPI Serial Flash Memory with Dual I/O, Quad I/O, QPI Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25QL641 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button AT25QL641 Datasheet HTML 28Page - Renesas Technology Corp AT25QL641 Datasheet HTML 29Page - Renesas Technology Corp AT25QL641 Datasheet HTML 30Page - Renesas Technology Corp AT25QL641 Datasheet HTML 31Page - Renesas Technology Corp AT25QL641 Datasheet HTML 32Page - Renesas Technology Corp AT25QL641 Datasheet HTML 33Page - Renesas Technology Corp AT25QL641 Datasheet HTML 34Page - Renesas Technology Corp AT25QL641 Datasheet HTML 35Page - Renesas Technology Corp AT25QL641 Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 80 page
background image
DS-AT25QL641-130 Rev. G
Page 32
Sep 14, 2022
© 2022 Renesas Electronics
AT25QL641 Datasheet
8.13 Fast Read Dual I/O (BBh)
The Fast Read Dual I/O command reduces cycle overhead through double access using two I/O pins: I/O0 and
I/O1.
Continuous Read Mode
The Fast Read Dual I/O command can further reduce cycle overhead through setting the Mode bits (M7-0)
after the input Address bits (A23-0). The upper nibble of the Mode (M7-4) controls the length of the next Fast
Read Dual I/O command through the inclusion or exclusion of the first byte command code. The lower nibble bits
of the Mode (M3-0) are don’t care (X), However, the I/O pins should be high-impedance prior to the falling edge
of the first data out clock.
If the Mode bits (M7-0) equal Ax hex, then the next Fast Dual I/O command (after CS is raised and then lowered)
does not require the command (BBh) code, as shown in Figure 20 and Figure 21. This reduces the command
sequence by eight clocks and allows the address to be immediately entered after CS is asserted low. If Mode
bits (M7-0) are any value other Ax hex, the next command (after CS is raised and then lowered) requires the first
byte command code, thus returning to normal operation. A mode bit reset can be used to reset t h e mode bits
(M7-0) before issuing normal commands.
Figure 20. Fast Read Dual I/O Command (initial command or previous M7-0≠ Axh)
24
23
25
26
27
28
29
30
31
32
33
34
35
36 37
38
39
SO(IO
1)
SI(IO
0)
SCK
CS
MSB
75
6
3
420
6420
6420
6420
1
7531
7531
7531
7
6
IO
s switch from
Input to Output
SO (IO
1)
SI (IO
0)
SCK
CS
Command (BBh)
6420
6
4
7531
75
0
123
45
6
7
8
8
9
9
10
10
11
11
12
12
13
13
14
14
15
15
16
16
17
17
18
18
19
19
20
20
21
21
22
22
23
23
Mode 3
Mode 0
A23-16
A15-8
Byte 1
Byte 2
Byte 3
Byte 4
A7-0
M7-0
MSB
MSB
MSB
MSB
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com