Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QL641 Datasheet(PDF) 43 Page - Renesas Technology Corp

Part # AT25QL641
Description  SPI Serial Flash Memory with Dual I/O, Quad I/O, QPI Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25QL641 Datasheet(HTML) 43 Page - Renesas Technology Corp

Back Button AT25QL641 Datasheet HTML 39Page - Renesas Technology Corp AT25QL641 Datasheet HTML 40Page - Renesas Technology Corp AT25QL641 Datasheet HTML 41Page - Renesas Technology Corp AT25QL641 Datasheet HTML 42Page - Renesas Technology Corp AT25QL641 Datasheet HTML 43Page - Renesas Technology Corp AT25QL641 Datasheet HTML 44Page - Renesas Technology Corp AT25QL641 Datasheet HTML 45Page - Renesas Technology Corp AT25QL641 Datasheet HTML 46Page - Renesas Technology Corp AT25QL641 Datasheet HTML 47Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 80 page
background image
DS-AT25QL641-130 Rev. G
Page 43
Sep 14, 2022
© 2022 Renesas Electronics
AT25QL641 Datasheet
8.20 Chip Erase (C7h / 60h)
The Chip Erase command sets all bits in the memory to 1. Prior to the Chip Erase command, a Write Enable (06h)
command must be issued. The command is initiated by driving the CS pin low and shifting the command code
C7h or 60h. See Figure 35 below. The CS pin must go high after the eighth bit of the last byte has been latched
in, otherwise, the Chip Erase command is not executed. After CS is driven high, the self-timed Chip Erase
command commences for a duration of tCE (see Table 26, AC Electrical Characteristics).
While the chip erase operation is in progress, the Read Status Register (05h) command may still be accessed to
check the status of the BUSY bit. The BUSY bit is 1 during the chip erase operation and becomes a 0 when the
cycle is finished and the device is again ready to accept other commands. When the BUSY bit is asserted, the
Write Enable Latch (WEL) bit in the Status Register is cleared to 0.
Figure 35. Chip Erase Command for SPI Mode (left) and QPI Mode (right)
8.21 Erase / Program Suspend (75h)
The Erase/Program Suspend command allows the system to interrupt a Block Erase operation, or a Page
Program, Quad Data Input Page Program, Quad Page Program operation.
The Erase Suspend is valid only during the Block or Block erase operation. The Write Status Register-1 (01h),
Write Status Register-2 (31h) command and Erase commands (20h, 52h, D8h, C7h, 60h) are not allowed during
an Erase Suspend operation. During the Chip Erase operation, the Erase Suspend command is ignored.
Program Suspend is valid only during the Page Program, Quad Data Input Page Program or Quad Page Program
operation. The Write Status Register-1 (01h), Write Status Register-2 (31h) command, Program commands (02h
and 33h) and Erase Commands (20h, 52h, D8h, C7h, 60h) are not allowed during Program Suspend.
The Erase/Program Suspend command 75h is accepted by the device only if the SUS bit in the Status Register
equals to 0 and the BUSY bit equals to 1 while a Block Erase or a Page Program operation is on-going. If the
SUS bit equals to 1 or the BUSY bit equals to 0, the Suspend command is ignored by the device. A maximum
time of tSUS (see Table 26, AC Electrical Characteristics) is required to suspend the erase or program operation.
After Erase/Program Suspend, the SUS bit in the Status Register is set (0 to 1) immediately and the BUSY bit in
the Status Register is cleared (1 to 0) within tSUS. For a previously resumed Erase/Program operation, it is also
required that the Suspend command 75h is not issued earlier than a minimum of time of tSUS following the
preceding Resume command 7Ah.
A read operation from an 8-Mbit area (referred to as a physical block) that includes a suspended area might
provide unreliable data. For the definition of the physical block and for the techniques to ensure high data integrity,
see application note AN-500.
03
5
246
7
1
Mode 3
Mode 0
Mode 3
Mode 0
High-Impedance
SCK
SCK
CS
Command (C7h/60h)
Command
(C7h/60h)
01
Mode 3
Mode 0
Mode 3
Mode 0
CS
SI
SO
IO
0
IO
1
IO
2
IO
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com