Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QL641 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # AT25QL641
Description  SPI Serial Flash Memory with Dual I/O, Quad I/O, QPI Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25QL641 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button AT25QL641 Datasheet HTML 3Page - Renesas Technology Corp AT25QL641 Datasheet HTML 4Page - Renesas Technology Corp AT25QL641 Datasheet HTML 5Page - Renesas Technology Corp AT25QL641 Datasheet HTML 6Page - Renesas Technology Corp AT25QL641 Datasheet HTML 7Page - Renesas Technology Corp AT25QL641 Datasheet HTML 8Page - Renesas Technology Corp AT25QL641 Datasheet HTML 9Page - Renesas Technology Corp AT25QL641 Datasheet HTML 10Page - Renesas Technology Corp AT25QL641 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 80 page
background image
DS-AT25QL641-130 Rev. G
Page 7
Sep 14, 2022
© 2022 Renesas Electronics
AT25QL641 Datasheet
1.
Introduction
The AT25QL641 is a serial interface Flash memory device designed for use in a wide variety of high-volume
consumer based applications in which program code is shadowed from Flash memory into embedded or external
RAM for execution. The flexible erase architecture of the AT25QL641 is ideal for data storage as well, eliminating
the need for additional data storage devices.
The erase block sizes of the AT25QL641 have been optimized to meet the needs of today's code and data
storage applications. By optimizing the size of the erase blocks, the memory space can be used much more
efficiently. Because certain code modules and data storage segments must reside by themselves in their own
erase regions, the wasted and unused memory space that occurs with large block erase Flash memory devices
can be greatly reduced. This increased memory space efficiency allows additional code routines and data storage
segments to be added while still maintaining the same overall device density.
SPI clock frequencies of up to 133 MHz are supported, allowing equivalent clock rates of 266 MHz for Dual Output
and 532 MHz for Quad Output when using the QPI and Fast Read Dual/Quad I/O commands.The AT25QL641
array is organized into 32,768 programmable pages of 256 bytes each. Up to 256 bytes can be programmed at a
time using the Page Program commands. Pages can be erased in 4 kB blocks, 32 kB blocks, 64 kB blocks, or the
entire chip.
The devices operate on a single 1.7 V to 1.95 V power supply with current consumption as low as 5 mA active and
2 µA for Deep Power-Down (DPD). All devices offered in space-saving packages. The device supports JEDEC
standard manufacturer and device identification with a 4-kbit secured OTP.
The physical block size for this device is 8 Mbit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com