Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QL641 Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # AT25QL641
Description  SPI Serial Flash Memory with Dual I/O, Quad I/O, QPI Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25QL641 Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button AT25QL641 Datasheet HTML 21Page - Renesas Technology Corp AT25QL641 Datasheet HTML 22Page - Renesas Technology Corp AT25QL641 Datasheet HTML 23Page - Renesas Technology Corp AT25QL641 Datasheet HTML 24Page - Renesas Technology Corp AT25QL641 Datasheet HTML 25Page - Renesas Technology Corp AT25QL641 Datasheet HTML 26Page - Renesas Technology Corp AT25QL641 Datasheet HTML 27Page - Renesas Technology Corp AT25QL641 Datasheet HTML 28Page - Renesas Technology Corp AT25QL641 Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 80 page
background image
DS-AT25QL641-130 Rev. G
Page 25
Sep 14, 2022
© 2022 Renesas Electronics
AT25QL641 Datasheet
8.6
Write Status Register (01h)
The Write Status Register command is u s e d to write only t h e non-volatile Status Register-1 bit SRP0, and
Status Register-2 bits QE and SRP1. All other Status Register bit locations are read-only and are not affected by
the Write Status Register command.
A Write Enable (06h) command must previously have been issued prior to setting Write Status Register
Command (Status Register bit WEL must equal 1). Once the WEL bit is set, the command is entered by driving CS
low, sending the command code, and then writing the status register data byte as illustrated in Figure 10 and
Figure 11.
The CS pin must be driven high after the eighth or sixteenth bit of data that is clocked in. If this is not done, the
Write Status Register command is not executed. If CS is driven high after the eighth clock, the CMP, QE and
SRP1 (Status Register 2) bits are cleared to 0. After CS is driven high, the self- timed Write Status Register cycle
commences for a time duration of tW (see Table 26, AC Electrical Characteristics).
While the Write Status Register cycle is in progress, the Read Status Register command may still be accessed to
check the status of the BUSY bit. The BUSY bit is a 1 during the Write Status Register cycle and a 0 when
the cycle is finished and ready to accept other commands again. When the BUSY bit is asserted, the Write
Enable Latch (WEL) bit in Status Register is cleared to 0.
Figure 10. Write Status Register Command (SPI Mode)
Figure 11. Write Status Register Command (QPI Mode)
SCK
CS
03
3
5
5
2
20
4
4
6
6
7
7
11
13
10
12
15
14
9
8
1
1
Mode 3
Mode 0
Mode 3
Mode 0
MSB
Status Register-1 in
Command
01h
High-Impedance
11
13
10
8
12
14
15
9
MSB
19
21
18
20
23
22
17
16
Status Register-2 in
SO
SI
IO
IO
IO
IO
SCK
Command
01h
SR1
in
SR2
in
0
0
1
1
2
3
3
5
25
4
4
7
6
Mode 3
Mode 0
Mode 3
Mode 0
CS
8
9
10
11
13
12
15
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com