Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QL641 Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # AT25QL641
Description  SPI Serial Flash Memory with Dual I/O, Quad I/O, QPI Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25QL641 Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button AT25QL641 Datasheet HTML 23Page - Renesas Technology Corp AT25QL641 Datasheet HTML 24Page - Renesas Technology Corp AT25QL641 Datasheet HTML 25Page - Renesas Technology Corp AT25QL641 Datasheet HTML 26Page - Renesas Technology Corp AT25QL641 Datasheet HTML 27Page - Renesas Technology Corp AT25QL641 Datasheet HTML 28Page - Renesas Technology Corp AT25QL641 Datasheet HTML 29Page - Renesas Technology Corp AT25QL641 Datasheet HTML 30Page - Renesas Technology Corp AT25QL641 Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 80 page
background image
DS-AT25QL641-130 Rev. G
Page 27
Sep 14, 2022
© 2022 Renesas Electronics
AT25QL641 Datasheet
8.8
Set Read Parameters (C0h)
In QPI mode, to accommodate a wide range of applications with different needs for either maximum read
frequency or minimum data access latency, t h e Set Read Parameters (C0h) command can be used to
configure the number of dummy clocks for Fast Read (0Bh), Fast Read Quad I/O (EBh) and Burst Read with
Wrap (0Ch) commands, and to configure the number of bytes of Wrap Length for the Burst Read with Wrap
(0Ch) command.
In Standard SPI mode, the Set Read Parameters (C0h) command is not accepted. The dummy clocks for various
Fast Read commands in Standard/Dual/Quad SPI mode are fixed (see the command). The Wrap Length is set
by W6-5 bit in the Set Burst with Wrap (77h) command. This setting remains unchanged when the device is
switched from Standard SPI mode to QPI mode.
The default Wrap Length after a power up or a Reset command is 8 bytes, the default number of dummy clocks is
4.
When the Set Read Parameters command is executed, an 8-bit value (P7-P0) is transferred to the memory.
Within this 8-bit value, bits P5-P4 are used to set the number of dummy clocks and the maximum read frequency
as shown in Table 12. The P1-P0 bits are used to set the wrap length as shown in Table 13. All other bits are
unused.
Figure 14. Set Read Parameters Command (QPI Mode)
Table 12. Encoding of P[5:4] Bits
P5, P4
Dummy
Clocks
Maximum
Read Frequency
00
4
80 MHz
01
4
80 MHz
10
6
104 MHz
11
8
133 MHz
Table 13. Encoding of P[1:0] Bits
P1, P0
Wrap Length
0 0
8-byte
0 1
16-byte
1 0
32-byte
1 1
64-byte
SCK
Command
C0h
Read
Parameters
0
P0
1
P1
P2
P3
3
P5
2
P4
P7
P6
Mode 3
Mode 0
Mode 3
Mode 0
CS
IO
0
IO
1
IO
2
IO
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com