Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QL641 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # AT25QL641
Description  SPI Serial Flash Memory with Dual I/O, Quad I/O, QPI Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25QL641 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button AT25QL641 Datasheet HTML 5Page - Renesas Technology Corp AT25QL641 Datasheet HTML 6Page - Renesas Technology Corp AT25QL641 Datasheet HTML 7Page - Renesas Technology Corp AT25QL641 Datasheet HTML 8Page - Renesas Technology Corp AT25QL641 Datasheet HTML 9Page - Renesas Technology Corp AT25QL641 Datasheet HTML 10Page - Renesas Technology Corp AT25QL641 Datasheet HTML 11Page - Renesas Technology Corp AT25QL641 Datasheet HTML 12Page - Renesas Technology Corp AT25QL641 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 80 page
background image
DS-AT25QL641-130 Rev. G
Page 9
Sep 14, 2022
© 2022 Renesas Electronics
AT25QL641 Datasheet
SO (I/O1)
SERIAL OUTPUT
The SO pin is used to shift data out from the device. Data on the SO pin is always
clocked out on the falling edge of SCK.
With the Dual-Output Read commands, the SO Pin remains an output pin (I/O0) in
conjunction with other pins to allow two bits of data on (I/O1-0) to be clocked in on every
falling edge of SCK.
To maintain consistency with the SPI nomenclature, the SO (I/O1) pin is referenced as
the SO pin unless specifically addressing the Dual-I/O modes in which case it is
referenced as I/O1. The SO pin is in a high-impedance state whenever the device is
deselected (CS is deasserted).
-
Input/Output
WP
(I/O2)
WRITE PROTECT
The Write Protect (WP) pin can be used to protect the Status Register against data
modification. Used with the Status Register's Block Protect (SEC, TB, BP2, BP1 and
BP0) bits and Status Register Protect (SRP) bits, a portion or the entire memory array
can be hardware protected. The WP pin is active low. When the QE bit of Status
Register-2 is set for Quad I/O, the WP pin (Hardware Write Protect) function is not
available because this pin is used for IO2. The WP pin does not have an internal pull-
up; thus, it must be either driven or, if not used, pulled up with an external resistor to
VCC.
-
Input/Output
HOLD
(I/O3)
HOLD
The HOLD pin is used to temporarily pause serial communication without deselecting or
resetting the device. While the HOLD pin is asserted, transitions on the SCK pin and
data on the SI pin are ignored, and the SO pin is placed in a high-impedance state.
The CS pin must be asserted, and the SCK pin must be in the low state in order for a
Hold condition to start. A Hold condition pauses serial communication only and does not
have an effect on internally self-timed operations such as a program or erase cycle.
With the Quad-Input Byte/Page Program command, the HOLD pin becomes an input
pin (I/O3) and with other pins, allows four bits (on I/O3-0) of data to be clocked in on
every rising edge of SCK. With the Quad-Output Read commands, the HOLD Pin
becomes an output pin (I/O3) in conjunction with other pins to allow four bits of data on
(I/O33-0) to be clocked in on every falling edge of SCK. To maintain consistency with
SPI nomenclature, the HOLD (I/O3) pin is referenced as the HOLD pin unless
specifically addressing the Quad-I/O modes, in which case it is referenced as I/O3. The
HOLD pin does not have an internal pull-up; thus, it must be either driven or, if not used,
pulled up with an external resistor to VCC.
-
Input/Output
VCC
DEVICE POWER SUPPLY
VCC is the supply voltage. It is the single voltage used for all device functions including
read, program, and erase. The VCC pin is used to supply the source voltage to the
device. Operations at invalid VCC voltages may produce spurious results and should
not be attempted.
-
Power
GND
GROUND
VSS is the reference for the VCC supply voltage. The ground reference for the power
supply. GND should be connected to the system ground.
-
Power
Table 1. Pin Descriptions (Continued)
Symbol
Name and Function
Asserted
State
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com