Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QL641 Datasheet(PDF) 44 Page - Renesas Technology Corp

Part # AT25QL641
Description  SPI Serial Flash Memory with Dual I/O, Quad I/O, QPI Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25QL641 Datasheet(HTML) 44 Page - Renesas Technology Corp

Back Button AT25QL641 Datasheet HTML 40Page - Renesas Technology Corp AT25QL641 Datasheet HTML 41Page - Renesas Technology Corp AT25QL641 Datasheet HTML 42Page - Renesas Technology Corp AT25QL641 Datasheet HTML 43Page - Renesas Technology Corp AT25QL641 Datasheet HTML 44Page - Renesas Technology Corp AT25QL641 Datasheet HTML 45Page - Renesas Technology Corp AT25QL641 Datasheet HTML 46Page - Renesas Technology Corp AT25QL641 Datasheet HTML 47Page - Renesas Technology Corp AT25QL641 Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 80 page
background image
DS-AT25QL641-130 Rev. G
Page 44
Sep 14, 2022
© 2022 Renesas Electronics
AT25QL641 Datasheet
Unexpected power off during the Erase/Program suspend state resets the device and release the suspend
state. The SUS bit in the Status Register also resets to 0. The data within the page, or block that was being
suspended may become corrupted. It is recommended for the user to implement system design techniques
against the accidental power interruption and preserve data integrity during erase/program suspend state. (See
Figure 36 and Figure 37.)
Figure 36. Erase Suspend Command (SPI Mode)
Figure 37. Erase Suspend Command (QPI Mode)
SCK
CS
SI
SO
1
0
234
6
57
Command
t
SUS
75h
Mode 3
Mode 0
High-Impedance
Mode 3
Mode 0
Accept commands
SCK
CS
1
0
Mode 3
Command
75h
Mode 0
Mode 3
Accept commands
Mode 0
t
SUS
IO
0
IO
1
IO
2
IO
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com