Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QL641 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # AT25QL641
Description  SPI Serial Flash Memory with Dual I/O, Quad I/O, QPI Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25QL641 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button AT25QL641 Datasheet HTML 8Page - Renesas Technology Corp AT25QL641 Datasheet HTML 9Page - Renesas Technology Corp AT25QL641 Datasheet HTML 10Page - Renesas Technology Corp AT25QL641 Datasheet HTML 11Page - Renesas Technology Corp AT25QL641 Datasheet HTML 12Page - Renesas Technology Corp AT25QL641 Datasheet HTML 13Page - Renesas Technology Corp AT25QL641 Datasheet HTML 14Page - Renesas Technology Corp AT25QL641 Datasheet HTML 15Page - Renesas Technology Corp AT25QL641 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 80 page
background image
DS-AT25QL641-130 Rev. G
Page 12
Sep 14, 2022
© 2022 Renesas Electronics
AT25QL641 Datasheet
5.
Device Operation
5.1
Standard SPI Operation
The AT25QL641 features a serial peripheral interface on four signals: Serial Clock (SCK). Chip Select (CS),
Serial Data Input (SI) and Serial Data Output (SO). Standard SPI commands use the SI input pin to serially write
commands, addresses or data to the device on the rising edge of SCK. The SO output pin is used to read data or
status from the device on the falling edge of SCK.
SPI bus operation Modes 0 (0, 0) and 3 (1, 1) are supported. The primary difference between Mode 0 and
Mode 3 concerns the normal state of the SCK signal when the SPI bus master is in standby and data is not
being transferred to the Serial Flash. For Mode 0 the SCK signal is normally low on the falling and rising
edges of CS. For Mode 3 the SCK signal is normally high on the falling and rising edges of CS.
5.2
Dual SPI Operation
The AT25QL641 supports Dual SPI operation. This command allows data to be transferred to or from the device
at two times the rate of the standard SPI. The Dual Read command is ideal for quickly downloading code to RAM
upon power-up (code-shadowing) or for execute-in-place (XiP) non-speed-critical code directly from the SPI bus.
When using Dual SPI commands the SI and SO pins become bidirectional I/0 pins; I/O0 and I/O1.
5.3
Quad SPI Operation
The AT25QL641 supports Quad SPI operation. This command allows data to be transferred to or from the
device at four times the rate of the standard SPI. The Quad Read command offers a significant improvement
in continuous and random access transfer rates allowing fast code-shadowing to RAM or execution directly from
the SPI bus. When using the Quad SPI command the SI and SO pins become bidirectional I/O0 and I/O1, and
the WP and HOLD pins become I/O2 and I/O3, respectively. Quad SPI commands require the non-volatile Quad
Enable bit (QE) in Status Register-2 to be set. The AT25QL641 device ships with the QE bit set.
5.4
QPI Operation
When using QPI commands, the SI and SO pins become bidirectional I/O0 and I/O1, and the WP and HOLD pins
become I/O2 and I/O3 respectively.
The typical SPI protocol requires that the byte-long command code being shifted into the device only via SI pin in
eight serial clocks. The QPI mode utilizes all four I/O pins to input the command code, thus only two serial clocks
are required. This can significantly reduce the SPI command overhead and improve system performance in an
XiP environment. Standard/ Dual/ Quad SPI mode and QPI mode are exclusive. Only one mode can be active at
any given time, The Enable QPI (38h) and Disable QPI (FFh) commands are used to switch between these two
modes. Upon power-up or after software reset using Reset (99h) command, the default state of the device is
Standard/Dual/Quad SPI mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com