Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QL641 Datasheet(PDF) 53 Page - Renesas Technology Corp

Part # AT25QL641
Description  SPI Serial Flash Memory with Dual I/O, Quad I/O, QPI Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25QL641 Datasheet(HTML) 53 Page - Renesas Technology Corp

Back Button AT25QL641 Datasheet HTML 49Page - Renesas Technology Corp AT25QL641 Datasheet HTML 50Page - Renesas Technology Corp AT25QL641 Datasheet HTML 51Page - Renesas Technology Corp AT25QL641 Datasheet HTML 52Page - Renesas Technology Corp AT25QL641 Datasheet HTML 53Page - Renesas Technology Corp AT25QL641 Datasheet HTML 54Page - Renesas Technology Corp AT25QL641 Datasheet HTML 55Page - Renesas Technology Corp AT25QL641 Datasheet HTML 56Page - Renesas Technology Corp AT25QL641 Datasheet HTML 57Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 80 page
background image
DS-AT25QL641-130 Rev. G
Page 53
Sep 14, 2022
© 2022 Renesas Electronics
AT25QL641 Datasheet
8.29 Enable QPI (38h)
The AT25QL641 supports both the Standard/Dual/Quad Serial Peripheral interface (SPI) and the Quad
Peripheral Interface (QPI) modes. However, SPI mode and QPI mode cannot be used at the same time. The
Enable QPI command is the only way to switch the device from SPI mode to QPI mode.
In order to switch the device to QPI mode, the Quad Enable (QE) bit in Status Register 2 must be set to 1 first,
and an Enable QPI command must be issued. If the Quad Enable (QE) bit is 0, the Enable QPI command is
ignored and the device remains in SPI mode.
After power-up, the default state of the device is SPI mode. See the command set Table 8 for all the commands
supported in SPI mode and the command See Table 11 for all the commands supported in QPI mode.
When the device is switched from SPI mode to QPI mode, the existing write enable and program/erase suspend
status, and the wrap length setting remains unchanged.
Figure 51. Enable QPI Command (SPI Mode only)
8.30 Disable QPI (FFh)
By issuing Disable QPI (FFh) command, the device is reset SPI mode. When the device is switched from QPI
mode to SPI mode, the existing Write Enable Latch (WEL) and Program/Erase Suspend status, and the Wrap
Length setting remains unchanged.
Figure 52. Disable QPI Command for QPI Mode
03
5
246
7
1
Mode 3
Mode 0
Mode 3
Mode 0
High-Impedance
SCK
CS
Command (38h)
SI
SO
SCK
Command
(FFh)
01
Mode 3
Mode 0
Mode 3
Mode 0
CS
IO
0
IO
1
IO
2
IO
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com