Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QL641 Datasheet(PDF) 72 Page - Renesas Technology Corp

Part # AT25QL641
Description  SPI Serial Flash Memory with Dual I/O, Quad I/O, QPI Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25QL641 Datasheet(HTML) 72 Page - Renesas Technology Corp

Back Button AT25QL641 Datasheet HTML 68Page - Renesas Technology Corp AT25QL641 Datasheet HTML 69Page - Renesas Technology Corp AT25QL641 Datasheet HTML 70Page - Renesas Technology Corp AT25QL641 Datasheet HTML 71Page - Renesas Technology Corp AT25QL641 Datasheet HTML 72Page - Renesas Technology Corp AT25QL641 Datasheet HTML 73Page - Renesas Technology Corp AT25QL641 Datasheet HTML 74Page - Renesas Technology Corp AT25QL641 Datasheet HTML 75Page - Renesas Technology Corp AT25QL641 Datasheet HTML 76Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 80 page
background image
DS-AT25QL641-130 Rev. G
Page 72
Sep 14, 2022
© 2022 Renesas Electronics
AT25QL641 Datasheet
9.3
AC Electrical Characteristics
Table 26. AC Electrical Characteristics
Parameter[1]
Symbol
Alt
Min
Typ
Max
Unit
Clock frequency for all commands, except Read Data and
Fast Read Data in SPI mode (03h, 0Bh)
1.7 V - 2.0 V VCC and industrial temperature
fR
fc
D.C.
133
MHz
Clock freq. Fast Read Data command in SPI mode (0Bh)
fR
D.C.
104
MHz
Clock freq. Read Data command in SPI mode (03h)
fR
D.C.
50
MHz
Clock High, Low Time except Read Data (03h)
tCLH, tCLL[2]
3.5
ns
Clock High, Low Time for Read Data (03h)
tCRLH,
8ns
Clock Rise Time peak-to-peak
tCLCH[3]
0.1
V/ns
Clock Fall Time peak-to-peak
tCHCL(3)
0.1
V/ns
CS Active Setup Time relative to Clock
tSLCH
tCSS
5ns
CS Not Active Hold Time relative to Clock
tCHSL
5ns
Data In Setup Time
tDVCH
tDSU
2ns
Data In Hold Time
tCHDX
tDH
3ns
CS Active Hold Time relative to Clock
tCHSH
5ns
CS Not Active Setup Time relative to Clock
tCHSH
5ns
CS Deselect Time (for Read commands/Write,
Erase and Program commands)
tSHSL
tCSH
100
ns
Output Disable Time
tSHQZ(3)
tDIS
7ns
Clock Low to Output Valid
tCLQV
tV1
6ns
Clock Low to Output Valid (Except Main Read) [4]
tCLQV
tV2
7ns
Output Hold Time
tCLQX
tHO
1.5
ns
HOLD Active Setup Time relative to Clock
tHLCH
5ns
HOLD Active Hold Time relative to Clock
tCHHH
5ns
HOLD Not Active Setup Time relative to Clock
tHHCH
5ns
HOLD Not Active Hold Time relative to Clock
tCHHL
5ns
HOLD to Output Low-Z
tHHQX(3)
tLZ
7ns
HOLD to Output High-Z
tHLQZ(3)
tHZ
12
ns
Write Protect Setup Time Before CS Low
tWHSL[5]
20
ns
Write Protect Setup Time After CS High
tSHWL(5)
100
ns
CS High to Power-Down Mode
tDP(3)
3µs
CS High to Standby Mode without
Electronic Signature Read
tRES1(3)
3µs
CS High to Standby Mode with
Electronic Signature Read
tRES2(3)
1.8
µs
CS High to next Command after Suspend
tSUS(3)
30
µs
CS High to next Command after Reset
tRST(3)
30
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com