Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QL641 Datasheet(PDF) 79 Page - Renesas Technology Corp

Part # AT25QL641
Description  SPI Serial Flash Memory with Dual I/O, Quad I/O, QPI Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25QL641 Datasheet(HTML) 79 Page - Renesas Technology Corp

Back Button AT25QL641 Datasheet HTML 72Page - Renesas Technology Corp AT25QL641 Datasheet HTML 73Page - Renesas Technology Corp AT25QL641 Datasheet HTML 74Page - Renesas Technology Corp AT25QL641 Datasheet HTML 75Page - Renesas Technology Corp AT25QL641 Datasheet HTML 76Page - Renesas Technology Corp AT25QL641 Datasheet HTML 77Page - Renesas Technology Corp AT25QL641 Datasheet HTML 78Page - Renesas Technology Corp AT25QL641 Datasheet HTML 79Page - Renesas Technology Corp AT25QL641 Datasheet HTML 80Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 79 / 80 page
background image
DS-AT25QL641-130 Rev. G
Page 79
Sep 14, 2022
© 2022 Renesas Electronics
AT25QL641 Datasheet
12.1 Errata:
1. If Status Register-2 CMP bit is 0, and Status Register-1 bits {SEC,TB,BP2,BP1,BP} are {1,0,0,0,1}, address
7FF000h-7FFFFFh is protected from any Program or Erase commands. However, this setting does not protect
the rest of Sector 127 or the rest of Block 255 from 64-kbit or 32-kbit Block Erase commands. If a 64-kbit Block
Erase Command is issued to Sector 127, address 7F0000h-7FEFFFh is be erased. If a 32-kbit Block Erase
Command is issued to Block 255, address 7F8000h-7FEFFFh is be erased.
Workaround: If this protection bit combination is used and the behavior described in Note 3 is required, avoid
using 64-kbit or 32-kbit Block Erase commands for this specific memory region.
2. If Status Register-2 CMP bit is 1, and Status Register-1 bits {SEC,TB,BP2,BP1,BP} are {1,1,0,0,1}, address
001000h-7FFFFFh is protected from any Program or Erase commands. However, this setting does not protect
the rest of Sector 0 or the rest of Block 0 from 64-kbit or 32-kbit Block Erase commands. If a 64-kbit Block Erase
Command is issued to Sector 0, address 000000h-000FFFh is be erased. If a 32-kbit Block Erase Command is
issued to Block 0, address 000000h-000FFFh is be erased.
Workaround: If this protection bit combination is used and the behavior described in Note 3 is required, avoid
using 64-kbit or 32-kbit Block Erase commands for this specific memory region.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com