Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QL641 Datasheet(PDF) 47 Page - Renesas Technology Corp

Part # AT25QL641
Description  SPI Serial Flash Memory with Dual I/O, Quad I/O, QPI Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25QL641 Datasheet(HTML) 47 Page - Renesas Technology Corp

Back Button AT25QL641 Datasheet HTML 43Page - Renesas Technology Corp AT25QL641 Datasheet HTML 44Page - Renesas Technology Corp AT25QL641 Datasheet HTML 45Page - Renesas Technology Corp AT25QL641 Datasheet HTML 46Page - Renesas Technology Corp AT25QL641 Datasheet HTML 47Page - Renesas Technology Corp AT25QL641 Datasheet HTML 48Page - Renesas Technology Corp AT25QL641 Datasheet HTML 49Page - Renesas Technology Corp AT25QL641 Datasheet HTML 50Page - Renesas Technology Corp AT25QL641 Datasheet HTML 51Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 80 page
background image
DS-AT25QL641-130 Rev. G
Page 47
Sep 14, 2022
© 2022 Renesas Electronics
AT25QL641 Datasheet
8.24 Release Deep Power-Down / Device ID (ABh)
The Release Deep Power-Down / Device ID command is a multi-purpose command. It can be used to release
the device from the Deep Power-Down state and also obtain the device identification (ID).
The command is issued by driving the CS pin low, sending the command code ABh and driving CS high as
shown in Figure 42 and Figure 43. The Release from Deep Power-Down command requires the time duration of
tRES1 (see Table 26, AC Electrical Characteristics). The CS pin must keep high during the tRES1 time duration.
The Device ID can be read during SPI mode only.
In other words, Device ID feature is not available in QPI mode for Release
Deep Power-Down/Device ID command.
To obtain the Device ID in SPI mode, the command is initiated by driving the
CS pin low and sending the command code ABh with following 3-dummy bytes. The Device ID bits are then
shifted on the falling edge of SCK with most significant bit (MSB) first as shown in Figure 44. After CS is
driven high it must keep high for a time duration of tRES2 (See Table 26, AC Electrical Characteristics). The Device
ID can be read continuously. The command is completed by driving CS high.
If the Release from Deep Power-Down /Device ID command is issued while an Erase, Program or Write cycle is
in process (when BUSY equals 1) the command is ignored and does not have any effects on the current cycle.
Figure 42. Release Power-Down Command (SPI Mode)
Figure 43. Release Power-Down Command (QPI Mode)
03
5
246
7
1
Mode 3
Mode 0
Mode 3
Mode 0
Power-Down Current
Stand-By Current
SI
SCK
CS
Command (ABh)
t
RES1
IO
IO
IO
IO
SCK
Command
(ABh)
01
Mode 3
Mode 0
Power-Down Current
Stand-ByCurrent
Mode 3
Mode 0
CS
t
RES1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com