Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QL641 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # AT25QL641
Description  SPI Serial Flash Memory with Dual I/O, Quad I/O, QPI Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25QL641 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button AT25QL641 Datasheet HTML 19Page - Renesas Technology Corp AT25QL641 Datasheet HTML 20Page - Renesas Technology Corp AT25QL641 Datasheet HTML 21Page - Renesas Technology Corp AT25QL641 Datasheet HTML 22Page - Renesas Technology Corp AT25QL641 Datasheet HTML 23Page - Renesas Technology Corp AT25QL641 Datasheet HTML 24Page - Renesas Technology Corp AT25QL641 Datasheet HTML 25Page - Renesas Technology Corp AT25QL641 Datasheet HTML 26Page - Renesas Technology Corp AT25QL641 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 80 page
background image
DS-AT25QL641-130 Rev. G
Page 23
Sep 14, 2022
© 2022 Renesas Electronics
AT25QL641 Datasheet
8.3
Write Enable for Volatile Status Register (50h)
This command gives more flexibility to change the system configuration and memory protection schemes
quickly without waiting for the typical non-volatile bit write cycles or affecting the endurance of the Status Register
non-volatile bits. To write the volatile values into the Status Register bits, the Write Enable for Volatile Status
Register (50h) command must be issued prior to a Write Status Register (01h) command. T h e Write Enable for
Volatile Status Register command does not set the Write Enable Latch (WEL) bit.
When Write Enable for Volatile Status Register command (50h) is executed in QPI Mode, the SUS bit (S15) and
Reserved bits (S13, S12, S11 and S10) of Status Register-2 must be driven high after Write Status Register
command (01h). Once the Read Status Register (05h or 35h) is issued, the read values of the SUS bit (S15) and
Reserved bits (S13, S12, S11 and S10) of the Status Register-2 are ignored.
Figure 6. Write Enable for Volatile Status Register Command for SPI Mode (left) and QPI Mode (right)
8.4
Write Disable (04h)
The Write Disable command is used to reset the Write Enable Latch (WEL) bit in the Status Register. To enter the
Write Disable command, CS goes low prior to the command 04h into Data Input (SI) pin on the rising edge of
SCK, and then driving CS high. T h e WEL bit is automatically reset upon completion of the every Program,
Erase and Write Status Register commands.
Figure 7. Write Disable Command for SPI Mode (left) and QPI Mode (right)
SCK
SCK
CS
1
0
234
6
5
High-Impedance
Command
50h
50h
Mode 3
Mode 0
Mode 3
Mode 0
Mode 3
Mode 0
Mode 3
Mode 0
CS
7
1
0
SI
SO
IO
0
IO
1
WP
IO
2
HOLD
IO
3
03
5
246
7
1
Mode 3
Mode 0
Mode 3
Mode 0
High-Impedance
SCK
SCK
CS
Command (04h)
Command
(04h)
01
Mode 3
Mode 0
Mode 3
Mode 0
CS
SI
SO
IO
0
IO
1
WP
IO
2
HOLD
IO
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com