Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25QL641 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # AT25QL641
Description  SPI Serial Flash Memory with Dual I/O, Quad I/O, QPI Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25QL641 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button AT25QL641 Datasheet HTML 17Page - Renesas Technology Corp AT25QL641 Datasheet HTML 18Page - Renesas Technology Corp AT25QL641 Datasheet HTML 19Page - Renesas Technology Corp AT25QL641 Datasheet HTML 20Page - Renesas Technology Corp AT25QL641 Datasheet HTML 21Page - Renesas Technology Corp AT25QL641 Datasheet HTML 22Page - Renesas Technology Corp AT25QL641 Datasheet HTML 23Page - Renesas Technology Corp AT25QL641 Datasheet HTML 24Page - Renesas Technology Corp AT25QL641 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 80 page
background image
DS-AT25QL641-130 Rev. G
Page 21
Sep 14, 2022
© 2022 Renesas Electronics
AT25QL641 Datasheet
Table 11. Command Set Table 4 (QPI Commands)
Command Byte[1]
0
1
2
345
6
7
8
Clock Number
0, 1
2, 3
4, 5
6, 7
8, 9
10, 11
12, 13
14, 15
16, 17
Write Enable
06h
Write Enable
(for volatile Status registers)
50h
Write Disable
04h
Read Status Register 1
05h
(SR7:SR0)
[2]
Read Status Register 2
35h
(SR15:SR8
)
(2)
Write Status Register 1(2)
01h
(SR7:SR0)
(SR15:SR8
)
Write Status Register 2
31h
(SR15:SR8
)
Set Read Parameters
C0h
P7:P0
Fast Read Data
up to 80
MHz
0Bh
A23:A16
A15:A8
A7:A0
Dummy
Dummy
(D7:D0)
up to 104
MHz
A23:A16
A15:A8
A7:A0
Dummy
Dummy
Dummy
(D7:D0
)
up to 133
MHz
A23:A16
A15:A8
A7:A0
Dummy
Dummy
Dummy
Dumm
y
(D7:D0
)
Page Program
02h
A23:A16
A15:A8
A7:A0
(D7:D0)
[3]
Block Erase (4 kB)
20h
A23:A16
A15:A8
A7:A0
Block Erase (32 kB)
52h
A23:A16
A15:A8
A7:A0
Block Erase (64 kB)
D8h
A23:A16
A15:A8
A7:A0
Chip Erase
60h/7C
h
Erase/Program Suspend
75h
Erase/Program Resume
7Ah
Deep Power-Down
B9h
Release from Deep
Power-Down
ABh
Read Manufacturer/
Device ID[4]
90h
00h
00h
00h or
01h
(MID7:
MID0)
(DID7:
DID0)
Read JEDEC ID
9Fh
(MID7:MID
0)
(Mfg ID)
(D7:D0)
(Mem Typ)
(D7:D0)
(Cap)
Enter Secured OTP
B1h
Exit Secured OTP
C1h
Read Security Register
2Bh
(SC7:SC0)
[5]
Write Security Register
2Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com