Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZAMC4100 Datasheet(PDF) 101 Page - Renesas Technology Corp

Part # ZAMC4100
Description  Actuator and Motor Controller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZAMC4100 Datasheet(HTML) 101 Page - Renesas Technology Corp

Back Button ZAMC4100 Datasheet HTML 97Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 98Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 99Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 100Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 101Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 102Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 103Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 104Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 105Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 156 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
101
January 26, 2016
Address
[HEX]
Register Name
Reset
Value,
[HEX]
Description
PWM control registers
19
PWMDCFG
00
PWM duty cycle configuration
1A
PWMFCFG
00
PWM frequency configuration
1B
PWMDREN
00
PWM driver enable
Analog trim registers
1C
OSCHTRM
00
OSCH frequency trimming
1D
OSCLTRM
00
OSCL frequency trimming
1E
CREFTRM
10
Reference current trimming
1F
AUTHSIG
00
Authentication signature write
3.14.2. Registers Write Access Signatures
There are two signatures pertaining to WRITE access for registers:
•
APPLICATION signature: enables the WRITE access in the application registers.
•
TRIM signature: enables the WRITE access in analog trim registers.
Both signatures are mutually exclusive. This means that if the application registers are WRITE accessible, the
analog trim registers are READ-only and vice versa. The purpose of this logic is to avoid unintentional overwriting
of the trim registers by the MCU and losing the correct calibration values.
The SBC indicates which signature is set with the ACCSIG bit, which is allocated in the slave status byte (see
section 3.7.5):
•
Bit ACCSIG = 0: APPLICATION access signature is set.
•
Bit ACCSIG = 1: TRIM access signature is set.
AUTHSIG register
The AUTHSIG register is allocated at address 1FHEX in the SBC register file. It is not physically implemented.
Writing the correct values in this register will set the corresponding access signature. Reading the register will
return a zero value.
TRIM signature setting
In order to set the TRIM signature, the MCU must consecutively write the AUTHSIG register (address 1FHEX) with
the values ADHEX and B6HEX. For successful signature setting, both values should be written as two consecutive
SPI WRITE accesses. If between the two writes, the MCU executes READ or WRITE access for another address,
then no TRIM signature will be set.
APPLICATION signature setting
Once the TRIM signature is set, the MCU can return to having application registers access by writing the value
00HEX in the AUTHSIG register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com