Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZAMC4100 Datasheet(PDF) 105 Page - Renesas Technology Corp

Part # ZAMC4100
Description  Actuator and Motor Controller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZAMC4100 Datasheet(HTML) 105 Page - Renesas Technology Corp

Back Button ZAMC4100 Datasheet HTML 101Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 102Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 103Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 104Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 105Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 106Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 107Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 108Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 109Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 156 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
105
January 26, 2016
4.2.1.
Accessing Invalid Memory Location
A default slave replies with an error response if unused parts of the memory space are accessed. For more
details, refer to the “AMBA 3 AHB-Lite Protocol Specification” section of the ARM® CORTEX™-M0 Document Kit.
4.2.2.
FLASH Memory
FLASH memory implements three regions (see Figure 4.1):
•
INFO
Contains READ-only parameter data set by manufacturing as well as memory protection
management.
•
BOOT
Optionally used by a bootloader. The size of this area is programmable.
•
PROG Program code memory, up to 32KB.
Each FLASH memory region is built with several pages of 512 bytes each. Each page is built with 4 rows and
each row contains of 32 words (1 word = 32 bits). One flash page is the smallest block that can be erased.
As the FLASH memory has some dedicated timings for the control signals when erasing (all or part of) the FLASH
and when writing data to the FLASH, a flash controller is used to support all mandatory operations (READ,
WRITE, ERASE) to be performed on the different locations and to guarantee the correct timings for write and
erase operations. Additionally, it is checked if the different operations are allowed to be performed depending on
the memory protection scheme.
Figure 4.1 Structure of FLASH Memory and Page Details
INFO
MAIN
0x07FFF
0x00000
0x0
32K
1K
PROG
1 Page = 512 Byte
Row-1
Row-2
Row-3
Row-4
1 ROW = 32 WORDS
1 WORD = 32Bits
0
31
1 WORD, ½ WORD and Byte Access
BOOT
0x00E00
progStart [0x07]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com