Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZAMC4100 Datasheet(PDF) 102 Page - Renesas Technology Corp

Part # ZAMC4100
Description  Actuator and Motor Controller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZAMC4100 Datasheet(HTML) 102 Page - Renesas Technology Corp

Back Button ZAMC4100 Datasheet HTML 98Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 99Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 100Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 101Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 102Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 103Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 104Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 105Page - Renesas Technology Corp ZAMC4100 Datasheet HTML 106Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 156 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
102
January 26, 2016
3.15. SBC Trimming
All SBC analog circuitry trimming values are stored in the INFO page 0 of the MCU FLASH memory (Figure 4.1)
during the ZAMC4100 production test. The MCU firmware has READ-only access to this partition; i.e., no trim
data corruption is possible due to firmware malfunction.
This procedure must be implemented as part of the MCU firmware and executed during system initialization.
When executed, the trimming procedure reads the OSCH, OSCL and Reference Current trim values from the
FLASH INFO page and transfers them to the corresponding SBC trim registers.
ZAMC4100 trimming procedure
Trimming data is located in the INFO page 0 at offset 00000040HEX. Trimming data is programmed in one word
and has the following structure:
Figure 3.29 Structure of SBC Trimming Data
Byte 3
Byte 2
Byte 1
Byte 0
Not Used
CREF
OSCH
OSCL
The trimming procedure is given below. It must be executed as soon as the device is powered:
1. Disable the watchdog timer.
2. Write ADHEX to the AUTHSIG register of the SBC.
3. Write B6HEX to the AUTHSIG register of the SBC.
4. Write OSCH to the OSCHTRM register of the SBC.
5. Write OSCL to the OSCLTRM register of the SBC.
6. Write CREF to the CREFTRM register of the SBC.
7. Write 00HEX to AUTHSIG.
8. Setup and enable the watchdog timer. This step is optional.
This procedure prepares the MCU clock and current sources to be at their optimal value. It must be executed
immediately after each MCU reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com