Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29PL-J55BAI011 Datasheet(PDF) 26 Page - SPANSION

Part # S29PL-J55BAI011
Description  CMOS 3.0 Volt-only, Simultaneous-Read/Write Flash Memory with Enhanced VersatileIO Control
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29PL-J55BAI011 Datasheet(HTML) 26 Page - SPANSION

Back Button S29PL-J55BAI011 Datasheet HTML 22Page - SPANSION S29PL-J55BAI011 Datasheet HTML 23Page - SPANSION S29PL-J55BAI011 Datasheet HTML 24Page - SPANSION S29PL-J55BAI011 Datasheet HTML 25Page - SPANSION S29PL-J55BAI011 Datasheet HTML 26Page - SPANSION S29PL-J55BAI011 Datasheet HTML 27Page - SPANSION S29PL-J55BAI011 Datasheet HTML 28Page - SPANSION S29PL-J55BAI011 Datasheet HTML 29Page - SPANSION S29PL-J55BAI011 Datasheet HTML 30Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 96 page
background image
24
S29PL-J
S29PL-J_00_A9 September 22, 2006
Data
Sheet
(Adv an ce
Inf o r m a t io n)
SA17
00001010XXX
32
050000h–057FFFh
SA18
00001011XXX
32
058000h–05FFFFh
SA19
00001100XXX
32
060000h–067FFFh
SA20
00001101XXX
32
068000h–06FFFFh
SA21
00001110XXX
32
070000h–077FFFh
SA22
00001111XXX
32
078000h–07FFFFh
SA23
00010000XXX
32
080000h–087FFFh
SA24
00010001XXX
32
088000h–08FFFFh
SA25
00010010XXX
32
090000h–097FFFh
SA26
00010011XXX
32
098000h–09FFFFh
SA27
00010100XXX
32
0A0000h–0A7FFFh
SA28
00010101XXX
32
0A8000h–0AFFFFh
SA29
00010110XXX
32
0B0000h–0B7FFFh
SA30
00010111XXX
32
0B8000h–0BFFFFh
SA31
00011000XXX
32
0C0000h–0C7FFFh
SA32
00011001XXX
32
0C8000h–0CFFFFh
SA33
00011010XXX
32
0D0000h–0D7FFFh
SA34
00011011XXX
32
0D8000h–0DFFFFh
SA35
00011100XXX
32
0E0000h–0E7FFFh
SA36
00011101XXX
32
0E8000h–0EFFFFh
SA37
00011110XXX
32
0F0000h–0F7FFFh
SA38
00011111XXX
32
0F8000h–0FFFFFh
SA39
00100000XXX
32
100000h–107FFFh
SA40
00100001XXX
32
108000h–10FFFFh
SA41
00100010XXX
32
110000h–117FFFh
SA42
00100011XXX
32
118000h–11FFFFh
SA43
00100100XXX
32
120000h–127FFFh
SA44
00100101XXX
32
128000h–12FFFFh
SA45
00100110XXX
32
130000h–137FFFh
SA46
00100111XXX
32
138000h–13FFFFh
SA47
00101000XXX
32
140000h–147FFFh
SA48
00101001XXX
32
148000h–14FFFFh
SA49
00101010XXX
32
150000h–157FFFh
SA50
00101011XXX
32
158000h–15FFFFh
SA51
00101100XXX
32
160000h–167FFFh
SA52
00101101XXX
32
168000h–16FFFFh
SA53
00101110XXX
32
170000h–177FFFh
SA54
00101111XXX
32
178000h–17FFFFh
SA55
00110000XXX
32
180000h–187FFFh
SA56
00110001XXX
32
188000h–18FFFFh
SA57
00110010XXX
32
190000h–197FFFh
SA58
00110011XXX
32
198000h–19FFFFh
SA59
00110100XXX
32
1A0000h–1A7FFFh
SA60
00110101XXX
32
1A8000h–1AFFFFh
SA61
00110110XXX
32
1B0000h–1B7FFFh
SA62
00110111XXX
32
1B8000h–1BFFFFh
SA63
00111000XXX
32
1C0000h–1C7FFFh
SA64
00111001XXX
32
1C8000h–1CFFFFh
SA65
00111010XXX
32
1D0000h–1D7FFFh
Table 10.5 PL127J Sector Architecture (Sheet 2 of 7)
Bank
Sector
Sector Address (A22-A12)
Sector Size (Kwords)
Address Range (x16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com